Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4043 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 19Page - STMicroelectronics AN4043 Datasheet HTML 20Page - STMicroelectronics AN4043 Datasheet HTML 21Page - STMicroelectronics AN4043 Datasheet HTML 22Page - STMicroelectronics AN4043 Datasheet HTML 23Page - STMicroelectronics AN4043 Datasheet HTML 24Page - STMicroelectronics AN4043 Datasheet HTML 25Page - STMicroelectronics AN4043 Datasheet HTML 26Page - STMicroelectronics AN4043 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
AN4043
Electrical characteristics and functions
Doc ID 022726 Rev 2
23/60
2.3.6
Short-circuit protection and smart shutdown function
The fully featured version of the SLLIMM-nano (STGIPN3H60) is able to monitor the output
current and provide protection against overcurrent and short-circuit conditions in a very
short time (comparator triggering to high/low-side driver turn-off propagation delay tisd =
200 ns), thanks to the smart shutdown function. This feature is based on an innovative
patented circuitry which provides an intelligent fault management operation and greatly
reduces the protection intervention delay independently on the protection time duration
which can be set as desired by the device user.
As already mentioned in
Section 2.3.5: Comparators for fault sensing and as shown in
Figure 9, the comparator input can be connected to an external shunt resistor, RSHUNT, in
order to implement a simple overcurrent detection function. An RC filter network (RSF and
CSF) is necessary to prevent erroneous operation of the protection. The output signal of the
comparator is fed to an integrated MOSFET with the open drain available on the SD / OD
pin, shared with the SD input. When the comparator triggers, the device is set in shutdown
state and all its outputs are set to low level, leaving the half bridge in tri-state. In common
overcurrent protection architectures, the comparator output is usually connected to the SD
input and an external RC network (RSD and CSD) is connected to this SD / OD line in order
to provide a mono-stable circuit which implements a protection time when a fault condition
occurs.
Contrary to common fault detection systems, the new smart shutdown structure allows an
immediate turn-off of the output gate driver in the case of fault, without waiting for the
external capacitor to be discharged. This strategy minimizes the propagation delay between
the fault detection event and the actual outputs switch-off. In fact, the time delay between the
fault and outputs disabling is not dependent on the RC value of the external SD circuitry but,
thanks to the new architecture, has a preferential path internally in the driver. Then the
device immediately turns off the driver outputs and latches the turn-on of the open drain
switch, until the SD signal has reached its lower threshold. After the SD signal goes below
the lower threshold, the open drain is switched off (see
Figure 15).
The smart shutdown system provides the possibility to increase the value of the external RC
network across the SD pin (sized to fix the disable time generated after the fault event) as
much as desired by the user without compromising the intervention time delay of the
SLLIMM-nano protection.
A block diagram of the smart shutdown architecture is depicted in
Figure 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com