Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4043 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 8Page - STMicroelectronics AN4043 Datasheet HTML 9Page - STMicroelectronics AN4043 Datasheet HTML 10Page - STMicroelectronics AN4043 Datasheet HTML 11Page - STMicroelectronics AN4043 Datasheet HTML 12Page - STMicroelectronics AN4043 Datasheet HTML 13Page - STMicroelectronics AN4043 Datasheet HTML 14Page - STMicroelectronics AN4043 Datasheet HTML 15Page - STMicroelectronics AN4043 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
Inverter design concept and SLLIMM-nano solution
AN4043
12/60
Doc ID 022726 Rev 2
The SLLIMM-nano specifications are described below using the STGIPN3H60 datasheet as
an example. Please refer to the respective product datasheets for a detailed description of
all possible types.
Equation 1
●
VCES: collector emitter voltage
The power stage of the SLLIMM-nano is based on IGBTs (and freewheeling diodes) having
600 V VCES rating. Generally, considering the intelligent power module internal stray
inductances during the commutations, which can generate some surge voltages, the
maximum surge voltage between P-N (VPN(surge)) allowed is lower than VCES, as shown in
Figure 7. At the same time, considering also the surge voltage generated by the stray
inductance between the device and the DC-link capacitor, the maximum supply voltage (in
steady-state) applied between P-N (VPN) must be even lower than VPN(surge). Thanks to the
small package size and the lower working current, this phenomenon is less marked in the
SLLIMM-nano than in a big intelligent power module.
Table 2.
Inverter part
Symbol
Parameter
Value
Unit
VCES
Collector emitter voltage (VIN
(1) = 0)
1.
Applied between HINU, HINV, HINW; LINU, LINV, LINW and GND.
600
V
±IC
(2)
2.
Calculated according to the iterative
Equation 1.
Each IGBT continuous collector current at TC = 25 °C
3
A
±IC
(3)
3.
Pulse width limited by max. junction temperature.
Each IGBT pulsed collector current
18
A
PTOT
Each IGBT total dissipation at TC = 25 °C
8
W
))
T
(
I
T
(@
V
R
T
T
)
T
(
I
C
C
max,
j
)(max)
sat
(
CE
)
c
j
(
th
C
max
j
C
C
⋅
−
=
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com