Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4043 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 21Page - STMicroelectronics AN4043 Datasheet HTML 22Page - STMicroelectronics AN4043 Datasheet HTML 23Page - STMicroelectronics AN4043 Datasheet HTML 24Page - STMicroelectronics AN4043 Datasheet HTML 25Page - STMicroelectronics AN4043 Datasheet HTML 26Page - STMicroelectronics AN4043 Datasheet HTML 27Page - STMicroelectronics AN4043 Datasheet HTML 28Page - STMicroelectronics AN4043 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
AN4043
Electrical characteristics and functions
Doc ID 022726 Rev 2
25/60
Equation 2
●
t3: the SD signal reaches the lower threshold Vsd_L_THR and the control unit switches
off the input HIN and LIN. The smart shutdown is disabled (M1 off) and SD can rise up
with a time constant
τ
B, given by:
Equation 3
●
t4: when the SD signal reaches the upper threshold Vsd_H_THR, the system is re-
enabled.
2.3.8
Current sensing shunt resistor selection
As previously discussed, the shunt resistors RSHUNT externally connected between the N
pin and ground (see
Figure 9) are used to realize the overcurrent detection.
When the output current exceeds the short-circuit reference level (ISC), the CIN signal
overtakes the VREF value and the short-circuit protection is active. For a reliable and stable
operation the current sensing resistor should be a high quality, low tolerance non-inductive
type. In fact, stray inductance in the circuit, which includes the layout, the RC filter, and also
the shunt resistor, must be minimized in order to avoid undesired short-circuit detection.
For these reasons, the shunt resistor and the filtering components must be placed as close
as possible to the SLLIMM-nano pins, for additional suggestions refer to
Section 5.1: Layout
suggestions.
()
SD
SD
OD
_
ON
A
C
R
//
R
⋅
=
τ
SD
SD
B
C
R
⋅
=
τ
Figure 15.
Timing chart of smart shutdown function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com