Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4043 Datasheet(PDF) 48 Page - STMicroelectronics

Part # AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 44Page - STMicroelectronics AN4043 Datasheet HTML 45Page - STMicroelectronics AN4043 Datasheet HTML 46Page - STMicroelectronics AN4043 Datasheet HTML 47Page - STMicroelectronics AN4043 Datasheet HTML 48Page - STMicroelectronics AN4043 Datasheet HTML 49Page - STMicroelectronics AN4043 Datasheet HTML 50Page - STMicroelectronics AN4043 Datasheet HTML 51Page - STMicroelectronics AN4043 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
Power losses and dissipation
AN4043
48/60
Doc ID 022726 Rev 2
More generally, in the case of the device, power is time dependent too. The device
temperature can be calculated by using the convolution integral method applied to
Equation
31Equation 31, as follows:
Equation 32
An alternative method, very useful for the simulator tools, is the transient thermal impedance
model, which provides a simple method to estimate the junction temperature rise under a
transient condition.
By using the thermo-electrical analogy, the transient thermal impedance Zth(t) can be
transformed into an electrical equivalent RC network. The number of RC sections increases
the model details, therefore a twelfth order model, for Zth(j-a), based on the Cauer and Foster
networks, has been used in order to improve the accuracy of both models.
Figure 31 and Figure 32 show the general Cauer and Foster RC equivalent circuit used for
the thermal impedance model.
Figure 31.
Cauer RC equivalent circuit
Figure 32.
Foster RC equivalent circuit
Temperatures inside the electrical RC network represent voltages, power flows represent
currents, electrical resistances and capacitances represent thermal resistances and
capacitances respectively. The case temperature is represented with a DC voltage source
and it can be interpreted as the initial junction temperature.
Transient thermal impedance models are derived by curve fitting an equation to the
measured data. Values for the individual resistors and capacitors are the variables from that
equation and are defined in
Table 11, for both Zth(j-a) Cauer and Foster thermal impedance
models.
τ
τ
⋅
τ
−
=
Δ
∫
d
)
(
P
)
t
(
Z
)
t
(
T
t
0
th
AM11819v1
C1
C2
C3
Cn
R1
R2
R3
Rn
AM11820v1
R1
R2
R3
Rn
C1
C2
C3
Cn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com