Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4043 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 23Page - STMicroelectronics AN4043 Datasheet HTML 24Page - STMicroelectronics AN4043 Datasheet HTML 25Page - STMicroelectronics AN4043 Datasheet HTML 26Page - STMicroelectronics AN4043 Datasheet HTML 27Page - STMicroelectronics AN4043 Datasheet HTML 28Page - STMicroelectronics AN4043 Datasheet HTML 29Page - STMicroelectronics AN4043 Datasheet HTML 30Page - STMicroelectronics AN4043 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
AN4043
Electrical characteristics and functions
Doc ID 022726 Rev 2
27/60
Both solutions allow to detect the total current in all three phases of the inverter. The filter is
based on the RSF and CSF network and its time constant is given by:
Equation 5
In addition to the RC time constant, the turn-off propagation delay of the gate driver, tisd
(specified in the datasheet) and the IGBT turn-off time (in the range of tens of ns), must be
considered in the total delay time (tTotal), which is the time necessary to completely switch
off the IGBT once the short-circuit event is detected. Therefore, the tTotal is calculated as
follows:
Equation 6
and the tSF is recommended to be set in the range of 1~2 µs.
In the case of a 3-shunt resistor circuit, a specific control technique can be implemented by
using the three shunt resistors (RSHUNT_U, RSHUNT_V and RSHUNT_W) able to monitor each
phase current.
An example of a short-circuit event is shown in
Figure 17, where it is possible to note the
very fast protection, thanks to the smart shutdown function, against fault events. The main
steps are:
●
t1: collector current IC starts to rise. SC event is not detected yet due to the RC
network on the CIN pin.
●
t2: voltage on VCIN reaches the VREF. SC event is detected and the smart shutdown
starts to turn off the SLLIMM-nano.
●
t3: the SD in activated.
●
t4: the SLLIMM-nano is definitively turned off in 580 ns (including the td(off) time of
IGBT) from SC detection.
Finally, the total disable time is t4-t2 and the total SC action time is t4-t1.
SF
SF
SF
C
R
t
⋅
=
off
isd
SF
Total
t
t
t
t
+
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com