Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4043 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 10Page - STMicroelectronics AN4043 Datasheet HTML 11Page - STMicroelectronics AN4043 Datasheet HTML 12Page - STMicroelectronics AN4043 Datasheet HTML 13Page - STMicroelectronics AN4043 Datasheet HTML 14Page - STMicroelectronics AN4043 Datasheet HTML 15Page - STMicroelectronics AN4043 Datasheet HTML 16Page - STMicroelectronics AN4043 Datasheet HTML 17Page - STMicroelectronics AN4043 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
Inverter design concept and SLLIMM-nano solution
AN4043
14/60
Doc ID 022726 Rev 2
VCC represents the supply voltage of the control part. A local filtering is recommended to
enhance the SLLIMM-nano noise immunity. Generally, the use of one electrolytic capacitor
(with greater value but not negligible ESR) and one smaller ceramic capacitor (hundreds of
nF), faster than the electrolytic one to provide current, is suggested.
Please refer to
Table 4 in order to properly drive the SLLIMM-nano.
Table 4.
Supply voltage and operation behavior
VCC voltage (typ. value)
Operating behavior
STGIPN3H60A
STGIPN3H60
< 10 V
< 12 V
As the voltage is lower than the UVLO threshold the control circuit is not fully
turned on. A perfect functionality cannot be guaranteed.
12 V – 17 V
13.5 V – 18 V
Typical operating conditions
> 18 V
> 21 V
Control circuit is destroyed
Table 5.
Total system
Symbol
Parameter
Value
Unit
TJ
Operating junction temperature
-40 to 150
°C
TC
Module case operation temperature
-40 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com