Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4043 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 29Page - STMicroelectronics AN4043 Datasheet HTML 30Page - STMicroelectronics AN4043 Datasheet HTML 31Page - STMicroelectronics AN4043 Datasheet HTML 32Page - STMicroelectronics AN4043 Datasheet HTML 33Page - STMicroelectronics AN4043 Datasheet HTML 34Page - STMicroelectronics AN4043 Datasheet HTML 35Page - STMicroelectronics AN4043 Datasheet HTML 36Page - STMicroelectronics AN4043 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
AN4043
Electrical characteristics and functions
Doc ID 022726 Rev 2
33/60
Considering the limit cases during the PWM control and further leakages and dispersions in
the board layout, the capacitance value to use in the bootstrap circuit must be selected two
or three times higher than the CBOOT calculated in the graph of Figure 21. The bootstrap
capacitor should be with a low ESR value for a good local decoupling, therefore, in case an
electrolytic capacitor is used, one parallel ceramic capacitor placed directly on the SLLIMM-
nano pins is strictly recommended.
2.3.13
Initial bootstrap capacitor charging
During the startup phase, the bootstrap capacitor must be charged for a suitable time to
complete the initial charging time (tCHARGE), which is, at least, the time VCBOOT needs to
exceed the turn-on undervoltage threshold VBS_thON, as already stated in Equation
9Equation 9. For a normal operation, the voltage across the bootstrap capacitor must never
drop down to the turn-off undervoltage threshold VBS_thOFF throughout the working
conditions. For the period of startup, only the low-side IGBT is switched on and, just after
this phase, the PWM is run, as shown in the following steps of
Figure 22:
●
t1: the bootstrap capacitor starts to charge through the low-side IGBT (LVG)
●
t2: the voltage across the bootstrap capacitor (VCBOOT) reaches its turn-on
undervoltage threshold VBS_thON
●
t3: the bootstrap capacitor is fully charged; this enables the high-side IGBT and the
CBOOT capacitor starts to discharge in order to provide the right IGBT gate charge. The
bootstrap capacitor recharges during the on-state of the low-side IGBT (LVG).
Figure 22.
Initial bootstrap charging time
The initial charging time is given by
Equation 12 Equation 12 and must be, for safety
reasons, at least three times longer than the calculated value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com