Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4043 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 13Page - STMicroelectronics AN4043 Datasheet HTML 14Page - STMicroelectronics AN4043 Datasheet HTML 15Page - STMicroelectronics AN4043 Datasheet HTML 16Page - STMicroelectronics AN4043 Datasheet HTML 17Page - STMicroelectronics AN4043 Datasheet HTML 18Page - STMicroelectronics AN4043 Datasheet HTML 19Page - STMicroelectronics AN4043 Datasheet HTML 20Page - STMicroelectronics AN4043 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
AN4043
Electrical characteristics and functions
Doc ID 022726 Rev 2
17/60
2.3.1
Logic inputs
The high voltage gate driver IC has two logic inputs, HIN and LIN, to separately control the
high-side and low-side outputs, HVG and LVG. Please refer to
Table 1 for the input signal
logics by device.
In order to prevent any cross conduction between high-side and low-side IGBT, a safety time
(dead time) is introduced (see
Section 2.3.4: Dead time and interlocking function
management for further details).
All the logic inputs are provided with hysteresis (~1 V) for low noise sensitivity and are
TTL/CMOS 3.3 V compatible. Thanks to this low voltage interface logic compatibility, the
SLLIMM-nano can be used with any kind of high performance controller, such as
microcontrollers, DSPs or FPGAs.
As shown in the block diagrams of
Figure 10 and Figure 11, the logic inputs have internal
pull-down (or pull-up) resistors in order to set a proper logic level in the case of interruption
in the logic lines. If logic inputs are left floating, the gate driver outputs LVG and HVG are set
to low level. This simplifies the interface circuit by eliminating the six external resistors,
therefore, saving cost, board space and number of components.
Figure 9.
High voltage gate driver block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com