Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4043 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 4Page - STMicroelectronics AN4043 Datasheet HTML 5Page - STMicroelectronics AN4043 Datasheet HTML 6Page - STMicroelectronics AN4043 Datasheet HTML 7Page - STMicroelectronics AN4043 Datasheet HTML 8Page - STMicroelectronics AN4043 Datasheet HTML 9Page - STMicroelectronics AN4043 Datasheet HTML 10Page - STMicroelectronics AN4043 Datasheet HTML 11Page - STMicroelectronics AN4043 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
Inverter design concept and SLLIMM-nano solution
AN4043
8/60
Doc ID 022726 Rev 2
Figure 3 shows the block diagram of the SLLIMM-nano included in the inverter solution.
The power devices (IGBTs and freewheeling diodes), incorporated in the half bridge block,
are tailored for a motor drive application delivering the greatest overall efficiency, thanks to
the optimized trade-off between conduction and switching power losses and very low EMI
generation, as a result of reduced dV/dt and di/dt.
The IC gate drivers have been selected in order to meet two levels of functionality, giving
users more freedom to choose: a basic version which includes the essential features for a
cost-effective solution and a fully featured version which provides advanced options for a
sophisticated control method.
The fully isolated NDIP package offers a high compactness level, very useful in those
applications with reduced space, ensuring at the same time, high thermal performance and
reliability levels.
Figure 3.
SLLIMM block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com