Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4043 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 15Page - STMicroelectronics AN4043 Datasheet HTML 16Page - STMicroelectronics AN4043 Datasheet HTML 17Page - STMicroelectronics AN4043 Datasheet HTML 18Page - STMicroelectronics AN4043 Datasheet HTML 19Page - STMicroelectronics AN4043 Datasheet HTML 20Page - STMicroelectronics AN4043 Datasheet HTML 21Page - STMicroelectronics AN4043 Datasheet HTML 22Page - STMicroelectronics AN4043 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
AN4043
Electrical characteristics and functions
Doc ID 022726 Rev 2
19/60
2.3.2
High voltage level shift
The built-in high voltage level shift allows direct connection between the low voltage control
inputs and the high voltage power half bridge in any power application up to 600 V. It is
obtained thanks to the BCD offline technology which integrates, in the same die bipolar
devices, low and medium voltage CMOS for analog and logic circuitry and high voltage
DMOS transistors with a breakdown voltage in excess of 600 V. This key feature eliminates
the need for external optocouplers, resulting in significant savings regarding component
count and power losses. Other advantages are high-frequency operation and short input-to-
output delays.
2.3.3
Undervoltage lockout
The SLLIMM-nano supply voltage VCC is continuously monitored by an undervoltage
lockout (UVLO) circuitry which turns off the gate driver outputs when the supply voltage
goes below the VCC_thOFF threshold specified on the datasheet, and turns on the IC when
the supply voltage goes above the VCC_thON voltage. A hysteresis of about 1.5 V is provided
for noise rejection purposes. The high voltage floating supply Vboot is also provided with a
similar undervoltage lockout circuitry. When the driver is in UVLO condition, both gate driver
outputs are set to low level, setting the half bridge power stage output to high impedance.
The timing chart of undervoltage lockout, plotted in
Figure 12, is based on the following
steps:
●
t1: when the VCC supply voltage raises the VCC_thON threshold, the gate driver starts to
work after the next input signal HIN/LIN is on. The circuit state becomes RESET
●
t2: input signal HIN/LIN is on and the IGBT is turned on
●
t3: when the VCC supply voltage goes below the VCC_thOFF threshold, the UVLO event
is detected. The IGBT is turned off in spite of input signal HIN/LIN. The state of the
circuit is now SET
●
t4: the gate driver re-starts once the VCC supply voltage again raises the VCC_thON
threshold
●
t5: input signal HIN/LIN is on and the IGBT is turned on again.
Table 6.
Integrated pull-up/down resistor values
Input pin
PN
Input pin logic
Internal pull-up
Internal pull-down
High-side gate driving
HINU, HINV, HINW
STGIPN3H60A
Active high
500 k
Ω
Low-side gate driving
LINU, LINV, LINW
STGIPN3H60A
Active high
500 k
Ω
High-side gate driving
HINU, HINV, HINW
STGIPN3H60
Active high
85 k
Ω
Low-side gate driving
LINU, LINV, LINW
STGIPN3H60
Active low
720 k
Ω
SD / OD shutdown
STGIPN3H60
Active low
125 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com