Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4043 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 36Page - STMicroelectronics AN4043 Datasheet HTML 37Page - STMicroelectronics AN4043 Datasheet HTML 38Page - STMicroelectronics AN4043 Datasheet HTML 39Page - STMicroelectronics AN4043 Datasheet HTML 40Page - STMicroelectronics AN4043 Datasheet HTML 41Page - STMicroelectronics AN4043 Datasheet HTML 42Page - STMicroelectronics AN4043 Datasheet HTML 43Page - STMicroelectronics AN4043 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
Package
AN4043
40/60
Doc ID 022726 Rev 2
Signal input
Pins: HINU, HINV, HINW; LINU, LINV, LINW; LINU, LINV, LINW
●
These pins control the operation of the built-in IGBTs.
●
The signal logic of HINU, HINV, HINW, LINU, LINV, and LINW pins is active high. The
IGBT associated with each of these pins is turned on when a sufficient logic (higher
than a specific threshold) voltage is applied to these pins.
●
The signal logic of LINU, LINV, LINW pins is active low. The IGBT associated with each
of these pins is turned on when a logic voltage (lower than a specific threshold voltage)
is applied to these pins.
●
The wiring of each input should be as short as possible to protect the SLLIMM-nano
against noise influence. RC coupling circuits should be adopted for the prevention of
input signal oscillation. Suggested values are R
=100
Ω and C=1nF.
Internal comparator non-inverting (only for the STGIPN3H60)
Pin: CIN
●
The current sensing shunt resistor, connected on each phase leg, may be used by the
internal comparator (pin CIN) to detect short-circuit current
●
The shunt resistor should be selected to meet the detection levels matched for the
specific application
●
An RC filter (typically ~1 µs) should be connected to the CIN pin to eliminate noise
●
The connection length between the shunt resistor and CIN pin should be minimized
●
If a voltage signal, higher than the specified VREF (see datasheet), is applied to this pin,
the SLLIMM-nano automatically shuts down and the SD / OD pin is pulled down (to
inform the microcontroller).
Shutdown / open drain (only for the STGIPN3H60)
Pins: SD / OD
●
There are two available pins of SD / OD which are exactly the same. They are placed
on the opposite ends of the package in order to offer higher flexibility to the PCB layout.
It is sufficient to use only one of the two pins for the proper functioning of the device.
●
The SD / OD pins work as enable/disable pins.
●
The signal logic of SD / OD pins are active low. The SLLIMM-nano shuts down if a
voltage lower than a specific threshold is applied to these pins, leading each half bridge
in tri-state.
●
The SD / OD status is connected also to the internal comparator status (
Section 2.3.6:
Short-circuit protection and smart shutdown function). When the comparator triggers,
the SD / OD pin is pulled down acting as a FAULT pin.
●
The SD / OD, when pulled down by the comparator, are open drain configured. The SD
/ OD voltage should be pulled up to the 3.3 V or 5 V logic power supply through a pull-
up resistor.
Integrated operational amplifier (only for the STGIPN3H60)
Pins: OP+, OP-, OPOUT
●
The op amp is completely uncommitted
●
The op amp performance is optimized for advanced control technique (FOC)
●
Thanks to the integrated op amp, it is possible to realize a compact and efficient board
layout, minimizing the required BOM list.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com