Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4043 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4043 Datasheet HTML 1Page - STMicroelectronics AN4043 Datasheet HTML 2Page - STMicroelectronics AN4043 Datasheet HTML 3Page - STMicroelectronics AN4043 Datasheet HTML 4Page - STMicroelectronics AN4043 Datasheet HTML 5Page - STMicroelectronics AN4043 Datasheet HTML 6Page - STMicroelectronics AN4043 Datasheet HTML 7Page - STMicroelectronics AN4043 Datasheet HTML 8Page - STMicroelectronics AN4043 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
September 2012
Doc ID 022726 Rev 2
1/60
AN4043
Application note
SLLIMM™-nano
small low-loss intelligent molded module
By Carmelo Parisi and Giovanni Tomasello
Introduction
In recent years the variable speed motor control market has required high performance
solutions able to satisfy the increasing energy saving requirements, compactness, reliability,
and system costs in home appliances, such as dish washers, refrigerator compressors, air
conditioning fans, draining and recirculation pumps, and in low power industrial applications,
such as small fans, pumps and tools, etc. To meet these market needs, STMicroelectronics
has developed a new family of very compact, high efficiency, dual-in-line intelligent power
modules, with optional extra features, called small low-loss intelligent molded module nano
(SLLIMM™-nano).
The SLLIMM-nano product family combines optimized silicon chips, integrated in three main
inverter blocks:
●
power stage
–
six very fast IGBTs
–
six freewheeling diodes
●
driving network
–
three high voltage gate drivers
–
three gate resistors
–
three bootstrap diodes
●
protection and optional features
–
op amp for advanced current sensing
–
comparator for fault protection against overcurrent and short-circuit
–
smart shutdown function
–
dead time, interlocking function and undervoltage lockout.
Thanks to its very good compactness, the fully isolated SLLIMM-nano package (NDIP) is
the ideal solution for applications requiring reduced assembly space, without sacrificing
thermal performance and reliability.
Compared to discrete-based inverters, including power devices, and driver and protection
circuits, the SLLIMM-nano family provides a high integrated level that means simplified
circuit design, reduced component count, lower weight, and high reliability.
The aim of this application note is to provide a detailed description of SLLIMM-nano
products, providing guidelines to motor drive designers for an efficient, reliable, and fast
design when using the new ST SLLIMM-nano family.
www.st.com


Similar Part No. - AN4043

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4041 STMICROELECTRONICS-AN4041 Datasheet
1Mb / 14P
The purpose of this application note is to give a brief description
06-Sep-2012
AN4045 STMICROELECTRONICS-AN4045 Datasheet
391Kb / 16P
STM32F3 series in-application programming
28-Jan-2015
AN4046 STMICROELECTRONICS-AN4046 Datasheet
908Kb / 9P
recommendations for manual assembly on PCB
15-Mar-2012
More results

Similar Description - AN4043

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7272A STMICROELECTRONICS-TDA7272A Datasheet
193Kb / 16P
HIGH PERFORMANCE MOTOR SPEED REGULATOR
Jun-1992
logo
Sanyo Semicon Device
LV8104V SANYO-LV8104V Datasheet
415Kb / 19P
For Variable Speed Control Three-Phase Brushless Motor Predriver
logo
Diodes Incorporated
ZXBM1021 DIODES-ZXBM1021 Datasheet
823Kb / 24P
SINGLE PHASE VARIABLE SPEED MOTOR CONTROL PRE-DRIVER
Rev 1
ZXBM2004JA16TC DIODES-ZXBM2004JA16TC Datasheet
328Kb / 19P
TWO PHASE VARIABLE SPEED MOTOR CONTROL PRE-DRIVER
Rev 5
logo
DB Lectro Inc
1E-2M DBLECTRO-1E-2M Datasheet
837Kb / 2P
T-circuit design required by the ATE market.
logo
STMicroelectronics
AN3338 STMICROELECTRONICS-AN3338 Datasheet
2Mb / 72P
In recent years the variable speed motor control market has required high performance
17-Mar-2015
logo
List of Unclassifed Man...
AOC-STG-B4S ETC2-AOC-STG-B4S Datasheet
388Kb / 1P
The Lowest Power and Highest Performance 4-port 10GbE Controller in The Market
logo
IXYS Corporation
AN-109 IXYS-AN-109 Datasheet
70Kb / 3P
Variable-Speed Motor Controller
logo
Arch Electronics Corp.
SW20 ARCH-SW20_16 Datasheet
179Kb / 3P
The Smallest Dimension in the Market
logo
Apacer Technology Inc.
SDM5-7P180D-LP APACER-SDM5-7P180D-LP Datasheet
1Mb / 4P
one of the smallest SSDs in the market
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com