Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4043 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 16Page - STMicroelectronics AN4043 Datasheet HTML 17Page - STMicroelectronics AN4043 Datasheet HTML 18Page - STMicroelectronics AN4043 Datasheet HTML 19Page - STMicroelectronics AN4043 Datasheet HTML 20Page - STMicroelectronics AN4043 Datasheet HTML 21Page - STMicroelectronics AN4043 Datasheet HTML 22Page - STMicroelectronics AN4043 Datasheet HTML 23Page - STMicroelectronics AN4043 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
Electrical characteristics and functions
AN4043
20/60
Doc ID 022726 Rev 2
Figure 12.
Timing chart of undervoltage lockout function
2.3.4
Dead time and interlocking function management
In order to prevent any possible cross-conduction between high-side and low-side IGBTs,
the SLLIMM-nano provides both the dead time and the interlocking function. The
interlocking function is a logic operation which sets both the outputs to low level when the
inputs are simultaneously active. The dead time function is a safety time introduced by the
device between the falling edge transition of one driver output and the rising edge of the
other output. If the rising edge set externally by the user occurs before the end of this dead
time, it is ignored and results as delayed until the end of the dead time.
The dead time is internally set at 320 ns as the typical value of the STGIPN3H60A.
Table 7.
Interlocking function truth table of the STGIPN3H60A
Condition
Logic input (VI)
Outputs
LIN
HIN
LVG
HVG
Interlocking
half bridge tri-state
HH
L
L
0 “logic state”
half bridge tri-state
LL
LL
1 “logic state”
low-side direct driving
HL
HL
1 “logic state”
high-side direct driving
LH
L
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com