Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0056 Datasheet(PDF) 65 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 61Page - STMicroelectronics PM0056 Datasheet HTML 62Page - STMicroelectronics PM0056 Datasheet HTML 63Page - STMicroelectronics PM0056 Datasheet HTML 64Page - STMicroelectronics PM0056 Datasheet HTML 65Page - STMicroelectronics PM0056 Datasheet HTML 66Page - STMicroelectronics PM0056 Datasheet HTML 67Page - STMicroelectronics PM0056 Datasheet HTML 68Page - STMicroelectronics PM0056 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 156 page
background image
DocID15491 Rev 5
65/156
PM0056
The Cortex-M3 instruction set
Operation
These load and store instructions perform the same function as the memory access
instructions with immediate offset (see LDR and STR, immediate offset on page 61). The
difference is that these instructions have only unprivileged access even when used in
privileged software.
When used in unprivileged software, these instructions behave in exactly the same way as
normal memory access instructions with immediate offset.
Restrictions
In these instructions:
•
Rn must not be PC
•
Rt must be neither SP nor PC.
Condition flags
These instructions do not change the flags.
Examples
STRBTEQR4, [R7]; conditionally store least significant byte in
; R4 to an address in R7, with unprivileged access
LDRHTR2, [R2, #8]; load halfword value from an address equal to
; sum of R2 and 8 into R2, with unprivileged access
3.4.5
LDR, PC-relative
Load register from memory.
Syntax
LDR{type}{cond} Rt, label
LDRD{cond} Rt, Rt2, label; load two words
where:
•
‘type’ is one of the following:
B: Unsigned byte, zero extends to 32 bits
SB: Signed byte, sign extends to 32 bits
H: Unsigned halfword, sign extends to 32 bits
SH: Signed halfword, sign extends to 32 bits
—: Omit, for word
•
‘cond’ is an optional condition code (see Conditional execution on page 57)
•
‘Rt’ is the register to load or store
•
‘Rt2’ is the second register to load or store
•
‘label’ is a PC-relative expression (see PC-relative expressions on page 56)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com