Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0056 Datasheet(PDF) 11 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 7Page - STMicroelectronics PM0056 Datasheet HTML 8Page - STMicroelectronics PM0056 Datasheet HTML 9Page - STMicroelectronics PM0056 Datasheet HTML 10Page - STMicroelectronics PM0056 Datasheet HTML 11Page - STMicroelectronics PM0056 Datasheet HTML 12Page - STMicroelectronics PM0056 Datasheet HTML 13Page - STMicroelectronics PM0056 Datasheet HTML 14Page - STMicroelectronics PM0056 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 156 page
background image
DocID15491 Rev 5
11/156
PM0056
About this document
For system trace the processor integrates an Instrumentation Trace Macrocell (ITM)
alongside data watchpoints and a profiling unit. To enable simple and cost-effective profiling
of the system events these generate, a Serial Wire Viewer (SWV) can export a stream of
software-generated messages, data trace, and profiling information through a single pin.
The optional Embedded Trace Macrocell™ (ETM) delivers unrivalled instruction trace
capture in an area far smaller than traditional trace units, enabling many low cost MCUs to
implement full instruction trace for the first time.
1.3.3
Cortex-M3 processor features and benefits summary
•
Tight integration of system peripherals reduces area and development costs
•
Thumb instruction set combines high code density with 32-bit performance
•
Code-patch ability for ROM system updates
•
Power control optimization of system components
•
Integrated sleep modes for low power consumption
•
Fast code execution permits slower processor clock or increases sleep mode time
•
Hardware division and fast multiplier
•
Deterministic, high-performance interrupt handling for time-critical applications
•
Extensive debug and trace capabilities:
–
Serial Wire Debug and Serial Wire Trace reduce the number of pins required for
debugging and tracing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com