Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0056 Datasheet(PDF) 74 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 70Page - STMicroelectronics PM0056 Datasheet HTML 71Page - STMicroelectronics PM0056 Datasheet HTML 72Page - STMicroelectronics PM0056 Datasheet HTML 73Page - STMicroelectronics PM0056 Datasheet HTML 74Page - STMicroelectronics PM0056 Datasheet HTML 75Page - STMicroelectronics PM0056 Datasheet HTML 76Page - STMicroelectronics PM0056 Datasheet HTML 77Page - STMicroelectronics PM0056 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 156 page
background image
The Cortex-M3 instruction set
PM0056
74/156
DocID15491 Rev 5
Restrictions
In these instructions:
•
Operand2 must be neither SP nor PC
•
Rd can be SP only in ADD and SUB, and only with the following additional restrictions:
–
Rn must also be SP
–
Any shift in operand2 must be limited to a maximum of three bits using LSL
•
Rn can be SP only in ADD and SUB
•
Rd can be PC only in the ADD{cond} PC, PC, Rm instruction where:
–
You must not specify the S suffix
–
Rm must be neither PC nor SP
–
If the instruction is conditional, it must be the last instruction in the IT block
•
With the exception of the ADD{cond} PC, PC, Rm instruction, Rn can be PC only in
ADD and SUB, and only with the following additional restrictions:
–
You must not specify the S suffix
–
The second operand must be a constant in the range 0 to 4095
Note:
1
When using the PC for an addition or a subtraction, bits[1:0] of the PC are rounded to b00
before performing the calculation, making the base address for the calculation word-aligned.
2
If you want to generate the address of an instruction, you have to adjust the constant based
on the value of the PC. ARM recommends that you use the ADR instruction instead of ADD or
SUB with Rn equal to the PC, because your assembler automatically calculates the correct
constant for the ADR instruction.
When Rd is PC in the ADD{cond} PC, PC, Rm instruction:
•
bit[0] of the value written to the PC is ignored
•
A branch occurs to the address created by forcing bit[0] of that value to 0
Condition flags
If S is specified, these instructions update the N, Z, C and V flags according to the result.
Examples
ADDR2, R1, R3
SUBSR8, R6, #240; sets the flags on the result
RSBR4, R4, #1280; subtracts contents of R4 from 1280
ADCHIR11, R0, R3; only executed if C flag set and Z
; flag clear
Multiword arithmetic examples
Specific example 4: 64-bit addition shows two instructions that add a 64-bit integer
contained in R2 and R3 to another 64-bit integer contained in R0 and R1, and place the
result in R4 and R5.
Specific example 4: 64-bit addition
ADDSR4, R0, R2; add the least significant words
ADCR5, R1, R3; add the most significant words with carry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com