| Electronic Components Datasheet Search |
|
PM0056 Datasheet(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0056 Datasheet(HTML) 15 Page - STMicroelectronics |
|
15 / 156 page ![]() DocID15491 Rev 5 15/156 PM0056 The Cortex-M3 processor General-purpose registers R0-R12 are 32-bit general-purpose registers for data operations. Stack pointer The Stack Pointer (SP) is register R13. In Thread mode, bit[1] of the CONTROL register indicates the stack pointer to use: • 0 = Main Stack Pointer (MSP). This is the reset value. • 1 = Process Stack Pointer (PSP). On reset, the processor loads the MSP with the value from address 0x00000000. Link register The Link Register (LR) is register R14. It stores the return information for subroutines, function calls, and exceptions. On reset, the processor loads the LR value 0xFFFFFFFF. Program counter The Program Counter (PC) is register R15. It contains the current program address. Bit[0] is always 0 because instruction fetches must be halfword aligned. On reset, the processor loads the PC with the value of the reset vector, which is at address 0x00000004. LR read-write Either 0xFFFFFFFF Link register on page 15 PC read-write Either See description Program counter on page 15 PSR read-write Privileged 0x01000000 Program status register on page 16 ASPR read-write Either 0x00000000 Application program status register on page 17 IPSR read-only Privileged 0x00000000 Interrupt program status register on page 18 EPSR read-only Privileged 0x01000000 Execution program status register on page 19 PRIMASK read-write Privileged 0x00000000 Priority mask register on page 20 FAULTMASK read-write Privileged 0x00000000 Fault mask register on page 20 BASEPRI read-write Privileged 0x00000000 Base priority mask register on page 21 CONTROL read-write Privileged 0x00000000 CONTROL register on page 21 1. Describes access type during program execution in thread mode and Handler mode. Debug access can differ. 2. An entry of Either means privileged and unprivileged software can access the register. Table 2. Core register set summary (continued) Name Type(1) Required privilege(2) Reset value Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |