Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0056 Datasheet(PDF) 27 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 23Page - STMicroelectronics PM0056 Datasheet HTML 24Page - STMicroelectronics PM0056 Datasheet HTML 25Page - STMicroelectronics PM0056 Datasheet HTML 26Page - STMicroelectronics PM0056 Datasheet HTML 27Page - STMicroelectronics PM0056 Datasheet HTML 28Page - STMicroelectronics PM0056 Datasheet HTML 29Page - STMicroelectronics PM0056 Datasheet HTML 30Page - STMicroelectronics PM0056 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 156 page
background image
DocID15491 Rev 5
27/156
PM0056
The Cortex-M3 processor
The Code, SRAM, and external RAM regions can hold programs. However, it is
recommended that programs always use the Code region. This is because the processor
has separate buses that enable instruction fetches and data accesses to occur
simultaneously.
2.2.4
Software ordering of memory accesses
The order of instructions in the program flow does not always guarantee the order of the
corresponding memory transactions. This is because:
•
The processor can reorder some memory accesses to improve efficiency, providing this
does not affect the behavior of the instruction sequence.
•
The processor has multiple bus interfaces
•
Memory or devices in the memory map have different wait states
•
Some memory accesses are buffered or speculative.
Section 2.2.2: Memory system ordering of memory accesses on page 26 describes the
cases where the memory system guarantees the order of memory accesses. Otherwise, if
the order of memory accesses is critical, software must include memory barrier instructions
to force that ordering. The processor provides the following memory barrier instructions:
Use memory barrier instructions in, for example:
•
Vector table. If the program changes an entry in the vector table, and then enables the
corresponding exception, use a DMB instruction between the operations. This ensures
0xA0000000- 0xDFFFFFFF
External
device
Device(1)
XN(1) External Device memory
0xE0000000- 0xE00FFFFF
Private
Peripheral
Bus
Strongly-
ordered(1)
XN(1)
This region includes the NVIC,
System timer, and system control
block.
0xE0100000- 0xFFFFFFFF
Memory
mapped
peripherals
Device(1)
XN(1)
This region includes all the STM32
standard peripherals.
1. See Memory regions, types and attributes on page 25 for more information.
Table 12. Memory access behavior (continued)
Address
range
Memory
region
Memory
type
XN
Description
DMB
The Data Memory Barrier (DMB) instruction ensures that outstanding
memory transactions complete before subsequent memory transactions.
See DMB on page 99.
DSB
The Data Synchronization Barrier (DSB) instruction ensures that
outstanding memory transactions complete before subsequent
instructions execute. See DSB on page 100.
ISB
The Instruction Synchronization Barrier (ISB) ensures that the effect of all
completed memory transactions is recognizable by subsequent
instructions. See ISB on page 100.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com