Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0056 Datasheet(PDF) 70 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 66Page - STMicroelectronics PM0056 Datasheet HTML 67Page - STMicroelectronics PM0056 Datasheet HTML 68Page - STMicroelectronics PM0056 Datasheet HTML 69Page - STMicroelectronics PM0056 Datasheet HTML 70Page - STMicroelectronics PM0056 Datasheet HTML 71Page - STMicroelectronics PM0056 Datasheet HTML 72Page - STMicroelectronics PM0056 Datasheet HTML 73Page - STMicroelectronics PM0056 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 156 page
background image
The Cortex-M3 instruction set
PM0056
70/156
DocID15491 Rev 5
3.4.8
LDREX and STREX
Load and store register exclusive.
Syntax
LDREX{cond} Rt, [Rn {, #offset}]
STREX{cond} Rd, Rt, [Rn {, #offset}]
LDREXB{cond} Rt, [Rn]
STREXB{cond} Rd, Rt, [Rn]
LDREXH{cond} Rt, [Rn]
STREXH{cond} Rd, Rt, [Rn]
where:
•
‘cond’ is an optional condition code (see Conditional execution on page 57)
•
‘Rd’ is the destination register for the returned status
•
‘Rt’ is the register to load or store
•
‘Rn’ is the register on which the memory address is based
•
‘offset’ is an optional offset applied to the value in Rn. If offset is omitted, the address is
the value in Rn.
Operation
LDREX, LDREXB, and LDREXH load a word, byte, and halfword respectively from a
memory address.
STREX, STREXB, and STREXH attempt to store a word, byte, and halfword respectively to
a memory address. The address used in any store-exclusive instruction must be the same
as the address in the most recently executed load-exclusive instruction. The value stored by
the Store-exclusive instruction must also have the same data size as the value loaded by
the preceding load-exclusive instruction. This means software must always use a
load-exclusive instruction and a matching store-exclusive instruction to perform a
synchronization operation, see Synchronization primitives on page 31.
If a store-exclusive instruction performs the store, it writes 0 to its destination register. If it
does not perform the store, it writes 1 to its destination register. If the store-exclusive
instruction writes 0 to the destination register, it is guaranteed that no other process in the
system has accessed the memory location between the load-exclusive and store-exclusive
instructions.
For reasons of performance, keep the number of instructions between corresponding
load-exclusive and store-exclusive instruction to a minimum.
Note:
The result of executing a store-exclusive instruction to an address that is different from that
used in the preceding load-exclusive instruction is unpredictable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com