Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0056 Datasheet(PDF) 90 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 86Page - STMicroelectronics PM0056 Datasheet HTML 87Page - STMicroelectronics PM0056 Datasheet HTML 88Page - STMicroelectronics PM0056 Datasheet HTML 89Page - STMicroelectronics PM0056 Datasheet HTML 90Page - STMicroelectronics PM0056 Datasheet HTML 91Page - STMicroelectronics PM0056 Datasheet HTML 92Page - STMicroelectronics PM0056 Datasheet HTML 93Page - STMicroelectronics PM0056 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 156 page
background image
The Cortex-M3 instruction set
PM0056
90/156
DocID15491 Rev 5
where:
‘cond’ is an optional condition code, see Conditional execution on page 57.
‘Rd’ is the destination register.
‘Rn’ is the source register.
‘lsb’ is the position of the least significant bit of the bitfield. lsb must be in the range 0 to
31.
‘width’ is the width of the bitfield and must be in the range 1 to 32-lsb.
Operation
SBFX extracts a bitfield from one register, sign extends it to 32 bits, and writes the result to
the destination register.
UBFX extracts a bitfield from one register, zero extends it to 32 bits, and writes the result to
the destination register.
Restrictions
Do not use SP and do not use PC.
Condition flags
These instructions do not affect the flags.
Examples
SBFX
R0, R1, #20, #4
; Extract bit 20 to bit 23 (4 bits) from R1 and sign
; extend to 32 bits and then write the result to R0.
UBFX
R8, R11, #9, #10 ; Extract bit 9 to bit 18 (10 bits) from R11 and zero
; extend to 32 bits and then write the result to R8
3.8.3
SXT and UXT
Sign extend and Zero extend.
Syntax
SXTextend{cond} {Rd,} Rm {, ROR #n}
UXTextend{cond} {Rd}, Rm {, ROR #n}
where:
‘extend’ is one of:
B: Extends an 8-bit value to a 32-bit value.
H: Extends a 16-bit value to a 32-bit value.
‘cond’ is an optional condition code, see Conditional execution on page 57.
‘Rd’ is the destination register.
‘Rm’ is the register holding the value to extend.
ROR #n is one of:
ROR #8: Value from Rm is rotated right 8 bits.
ROR #16: Value from Rm is rotated right 16 bits.
ROR #24: Value from Rm is rotated right 24 bits.
If ROR #n is omitted, no rotation is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com