Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0056 Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 5Page - STMicroelectronics PM0056 Datasheet HTML 6Page - STMicroelectronics PM0056 Datasheet HTML 7Page - STMicroelectronics PM0056 Datasheet HTML 8Page - STMicroelectronics PM0056 Datasheet HTML 9Page - STMicroelectronics PM0056 Datasheet HTML 10Page - STMicroelectronics PM0056 Datasheet HTML 11Page - STMicroelectronics PM0056 Datasheet HTML 12Page - STMicroelectronics PM0056 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 156 page
background image
DocID15491 Rev 5
9/156
PM0056
About this document
1
About this document
This document provides the information required for application and system-level software
development. It does not provide information on debug components, features, or operation.
This material is for microcontroller software and hardware engineers, including those who
have no experience of ARM products.
1.1
Typographical conventions
The typographical conventions used in this document are:
1.2
List of abbreviations for registers
The following abbreviations are used in register descriptions:
1.3
About the STM32 Cortex-M3 processor and core peripherals
The Cortex-M3 processor is built on a high-performance processor core, with a 3-stage
pipeline Harvard architecture, making it ideal for demanding embedded applications. The
processor delivers exceptional power efficiency through an efficient instruction set and
extensively optimized design, providing high-end processing hardware including single-
cycle 32x32 multiplication and dedicated hardware division.
italic
Highlights important notes, introduces special terminology, denotes
internal cross-references, and citations.
< and >
Enclose replaceable terms for assembler syntax where they appear
in code or code fragments. For example:
LDRSB<cond> <Rt>, [<Rn>, #<offset>]
read/write (rw)
Software can read and write to these bits.
read-only (r)
Software can only read these bits.
write-only (w)
Software can only write to this bit. Reading the bit returns the reset
value.
read/clear (rc_w1) Software can read as well as clear this bit by writing 1. Writing ‘0’ has
no effect on the bit value.
read/clear (rc_w0) Software can read as well as clear this bit by writing 0. Writing ‘1’ has
no effect on the bit value.
toggle (t)
Software can only toggle this bit by writing ‘1’. Writing ‘0’ has no effect.
Reserved (Res.)
Reserved bit, must be kept at reset value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com