Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0056 Datasheet(PDF) 66 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 62Page - STMicroelectronics PM0056 Datasheet HTML 63Page - STMicroelectronics PM0056 Datasheet HTML 64Page - STMicroelectronics PM0056 Datasheet HTML 65Page - STMicroelectronics PM0056 Datasheet HTML 66Page - STMicroelectronics PM0056 Datasheet HTML 67Page - STMicroelectronics PM0056 Datasheet HTML 68Page - STMicroelectronics PM0056 Datasheet HTML 69Page - STMicroelectronics PM0056 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 156 page
background image
The Cortex-M3 instruction set
PM0056
66/156
DocID15491 Rev 5
Operation
LDR loads a register with a value from a PC-relative memory address. The memory address
is specified by a label or by an offset from the PC.
The value to load or store can be a byte, halfword, or word. For load instructions, bytes and
halfwords can either be signed or unsigned (see Address alignment on page 56).
‘label’ must be within a limited range of the current instruction. Table 26 shows the possible
offsets between label and the PC.
You might have to use the .W suffix to get the maximum offset range (see Instruction width
selection on page 59).
Restrictions
In these instructions:
•
Rt can be SP or PC only for word loads
•
Rt2 must be neither SP nor PC
•
Rt must be different from Rt2
When Rt is PC in a word load instruction:
•
bit[0] of the loaded value must be 1 for correct execution, and a branch occurs to this
halfword-aligned address
•
If the instruction is conditional, it must be the last instruction in the IT block.
Condition flags
These instructions do not change the flags.
Examples
LDRR0, LookUpTable; load R0 with a word of data from an address
; labelled as LookUpTable
LDRSBR7, localdata; load a byte value from an address labelled
; as localdata, sign extend it to a word
; value, and put it in R7
Table 26. label-PC offset ranges
Instruction type
Offset range
Word, halfword, signed halfword, byte, signed byte
−4095 to 4095
Two words
−1020 to 1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com