Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0056 Datasheet(PDF) 13 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 9Page - STMicroelectronics PM0056 Datasheet HTML 10Page - STMicroelectronics PM0056 Datasheet HTML 11Page - STMicroelectronics PM0056 Datasheet HTML 12Page - STMicroelectronics PM0056 Datasheet HTML 13Page - STMicroelectronics PM0056 Datasheet HTML 14Page - STMicroelectronics PM0056 Datasheet HTML 15Page - STMicroelectronics PM0056 Datasheet HTML 16Page - STMicroelectronics PM0056 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 156 page
background image
DocID15491 Rev 5
13/156
PM0056
The Cortex-M3 processor
2
The Cortex-M3 processor
2.1
Programmers model
This section describes the Cortex-M3 programmers model. In addition to the individual core
register descriptions, it contains information about the processor modes and privilege levels
for software execution and stacks.
2.1.1
Processor mode and privilege levels for software execution
The processor modes are:
The privilege levels for software execution are:
In Thread mode, the CONTROL register controls whether software execution is privileged or
unprivileged, see CONTROL register on page 21. In Handler mode, software execution is
always privileged.
Only privileged software can write to the CONTROL register to change the privilege level for
software execution in Thread mode. Unprivileged software can use the SVC instruction to
make a supervisor call to transfer control to privileged software.
2.1.2
Stacks
The processor uses a full descending stack. This means the stack pointer indicates the last
stacked item on the stack memory. When the processor pushes a new item onto the stack, it
decrements the stack pointer and then writes the item to the new memory location. The
processor implements two stacks, the main stack and the process stack, with independent
copies of the stack pointer, see Stack pointer on page 15.
Thread mode
Used to execute application software. The processor enters Thread
mode when it comes out of reset.
Handler mode
Used to handle exceptions. The processor returns to Thread mode
when it has finished exception processing.
Unprivileged
The software:
Has limited access to the MSR and MRS instructions, and cannot
use the CPS instruction
Cannot access the system timer, NVIC, or system control block
Might have restricted access to memory or peripherals.
Unprivileged software executes at the unprivileged level.
Privileged
The software can use all the instructions and has access to all
resources.
Privileged software executes at the privileged level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com