Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0056 Datasheet(PDF) 93 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 89Page - STMicroelectronics PM0056 Datasheet HTML 90Page - STMicroelectronics PM0056 Datasheet HTML 91Page - STMicroelectronics PM0056 Datasheet HTML 92Page - STMicroelectronics PM0056 Datasheet HTML 93Page - STMicroelectronics PM0056 Datasheet HTML 94Page - STMicroelectronics PM0056 Datasheet HTML 95Page - STMicroelectronics PM0056 Datasheet HTML 96Page - STMicroelectronics PM0056 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 156 page
background image
DocID15491 Rev 5
93/156
PM0056
The Cortex-M3 instruction set
Restrictions
The restrictions are:
•
Do not use PC in the BLX instruction
•
For BX and BLX, bit[0] of Rm must be 1 for correct execution but a branch occurs to the
target address created by changing bit[0] to 0
•
When any of these instructions is inside an IT block, it must be the last instruction of the
IT block.
Bcond is the only conditional instruction that is not required to be inside an IT block.
However, it has a longer branch range when it is inside an IT block.
Condition flags
These instructions do not change the flags.
Examples
B
loopA
; Branch to loopA
BLE
ng
; Conditionally branch to label ng
B.W
target ; Branch to target within 16MB range
BEQ
target ; Conditionally branch to target
BEQ.W
target ; Conditionally branch to target within 1MB
BL
funC
; Branch with link (Call) to function funC, return address
; stored in LR
BX
LR
; Return from function call
BXNE
R0
; Conditionally branch to address stored in R0
BLX
R0
; Branch with link and exchange (Call) to a address stored
; in R0
3.8.6
CBZ and CBNZ
Compare and branch on zero, compare and branch on non-zero.
Syntax
CBZ Rn, label
CBNZ Rn, label
where:
•
‘Rn’ is the register holding the operand.
•
‘label’ is the branch destination.
Operation
Use the CBZ or CBNZ instructions to avoid changing the condition code flags and to reduce
the number of instructions.
CBZ Rn, label does not change condition flags but is otherwise equivalent to:
CMP
Rn, #0
BEQ
label
CBNZ Rn, label does not change condition flags but is otherwise equivalent to:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com