Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0056 Datasheet(PDF) 14 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 10Page - STMicroelectronics PM0056 Datasheet HTML 11Page - STMicroelectronics PM0056 Datasheet HTML 12Page - STMicroelectronics PM0056 Datasheet HTML 13Page - STMicroelectronics PM0056 Datasheet HTML 14Page - STMicroelectronics PM0056 Datasheet HTML 15Page - STMicroelectronics PM0056 Datasheet HTML 16Page - STMicroelectronics PM0056 Datasheet HTML 17Page - STMicroelectronics PM0056 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 156 page
background image
The Cortex-M3 processor
PM0056
14/156
DocID15491 Rev 5
In Thread mode, the CONTROL register controls whether the processor uses the main
stack or the process stack, see CONTROL register on page 21. In Handler mode, the
processor always uses the main stack. The options for processor operations are:
2.1.3
Core registers
Figure 2. Processor core registers
Table 1. Summary of processor mode, execution privilege level, and stack use
options
Processor
mode
Used to
execute
Privilege level for
software execution
Stack used
Thread
Applications
Privileged or unprivileged(1)
1. See CONTROL register on page 21.
Main stack or process stack(1)
Handler
Exception handlers
Always privileged
Main stack
Table 2. Core register set summary
Name
Type(1)
Required
privilege(2)
Reset
value
Description
R0-R12
read-write Either
Unknown
General-purpose registers on page 15
MSP
read-write Privileged
See description Stack pointer on page 15
PSP
read-write Either
Unknown
Stack pointer on page 15
SP (R13)
LR (R14)
PC (R15)
R5
R6
R7
R0
R1
R3
R4
R2
R10
R11
R12
R8
R9
Low registers
High registers
MSP
PSP
PSR
PRIMASK
FAULTMASK
BASEPRI
CONTROL
General-purpose registers
Stack Pointer
Link Register
Program Counter
Program status register
Exception mask registers
CONTROL register
Special registers
Banked version of SP
ai15996



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com