Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0056 Datasheet(PDF) 42 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 38Page - STMicroelectronics PM0056 Datasheet HTML 39Page - STMicroelectronics PM0056 Datasheet HTML 40Page - STMicroelectronics PM0056 Datasheet HTML 41Page - STMicroelectronics PM0056 Datasheet HTML 42Page - STMicroelectronics PM0056 Datasheet HTML 43Page - STMicroelectronics PM0056 Datasheet HTML 44Page - STMicroelectronics PM0056 Datasheet HTML 45Page - STMicroelectronics PM0056 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 156 page
background image
The Cortex-M3 processor
PM0056
42/156
DocID15491 Rev 5
2.4.3
Fault status registers and fault address registers
The fault status registers indicate the cause of a fault. For bus faults and memory
management faults, the fault address register indicates the address accessed by the
operation that caused the fault, as shown in Table 19.
2.4.4
Lockup
The processor enters a lockup state if a hard fault occurs when executing the NMI or hard
fault handlers. When the processor is in lockup state it does not execute any instructions.
The processor remains in lockup state until either:
•
It is reset
•
An NMI occurs
If lockup state occurs from the NMI handler a subsequent NMI does not cause the
processor to leave lockup state.
2.5
Power management
The STM32 and Cortex-M3 processor sleep modes reduce power consumption:
•
Sleep mode stops the processor clock. All other system and peripheral clocks may still
be running.
•
Deep sleep mode stops most of the STM32 system and peripheral clocks. At product
level, this corresponds to either the Stop or the Standby mode. For more details, please
refer to the “Power modes” Section in the STM32 reference manual.
The SLEEPDEEP bit of the SCR selects which sleep mode is used, see System control
register (SCB_SCR) on page 136. For more information about the behavior of the sleep
modes see the STM32 product reference manual.
This section describes the mechanisms for entering sleep mode, and the conditions for
waking up from sleep mode.
Table 19. Fault status and fault address registers
Handler
Status register
name
Address register
name
Register description
Hard fault
HFSR
-
Hard fault status register (SCB_HFSR) on
page 145
Memory
management fault
MMFSR
MMFAR
Configurable fault status register (SCB_CFSR) on
page 142
Memory management fault address register
(SCB_MMFAR) on page 147
Bus fault
BFSR
BFAR
Configurable fault status register (SCB_CFSR) on
page 142
Bus fault address register (SCB_BFAR) on
page 147
Usage fault
UFSR
-
Configurable fault status register (SCB_CFSR) on
page 142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com