Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0056 Datasheet(PDF) 68 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 64Page - STMicroelectronics PM0056 Datasheet HTML 65Page - STMicroelectronics PM0056 Datasheet HTML 66Page - STMicroelectronics PM0056 Datasheet HTML 67Page - STMicroelectronics PM0056 Datasheet HTML 68Page - STMicroelectronics PM0056 Datasheet HTML 69Page - STMicroelectronics PM0056 Datasheet HTML 70Page - STMicroelectronics PM0056 Datasheet HTML 71Page - STMicroelectronics PM0056 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 156 page
background image
The Cortex-M3 instruction set
PM0056
68/156
DocID15491 Rev 5
The PUSH and POP instructions can be expressed in this form (see PUSH and POP for
details).
Restrictions
In these instructions:
•
Rn must not be PC
•
reglist must not contain SP
•
In any STM instruction, reglist must not contain PC
•
In any LDM instruction, reglist must not contain PC if it contains LR
•
reglist must not contain Rn if you specify the writeback suffix
When PC is in reglist in an LDM instruction:
•
bit[0] of the value loaded to the PC must be 1 for correct execution, and a branch
occurs to this halfword-aligned address.
•
If the instruction is conditional, it must be the last instruction in the IT block
Condition flags
These instructions do not change the flags.
Examples
LDMR8,{R0,R2,R9}; LDMIA is a synonym for LDM
STMDBR1!,{R3-R6,R11,R12}
Incorrect examples
STMR5!,{R5,R4,R9}; value stored for R5 is unpredictable
LDMR2, {}; there must be at least one register in the list
3.4.7
PUSH and POP
Push registers onto, and pop registers off a full-descending stack.
Syntax
PUSH{cond} reglist
POP{cond} reglist
where:
•
‘cond’ is an optional condition code (see Conditional execution on page 57)
•
‘reglist’ is a non-empty list of registers, enclosed in braces. It can contain register
ranges. It must be comma-separated if it contains more than one register or register
range (see Examples on page 68).
PUSH and POP are synonyms for STMDB and LDM (or LDMIA) with the memory
addresses for the access based on SP, and with the final address for the access written
back to the SP. PUSH and POP are the preferred mnemonics in these cases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com