Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0056 Datasheet(PDF) 96 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 92Page - STMicroelectronics PM0056 Datasheet HTML 93Page - STMicroelectronics PM0056 Datasheet HTML 94Page - STMicroelectronics PM0056 Datasheet HTML 95Page - STMicroelectronics PM0056 Datasheet HTML 96Page - STMicroelectronics PM0056 Datasheet HTML 97Page - STMicroelectronics PM0056 Datasheet HTML 98Page - STMicroelectronics PM0056 Datasheet HTML 99Page - STMicroelectronics PM0056 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 156 page
background image
The Cortex-M3 instruction set
PM0056
96/156
DocID15491 Rev 5
CMP
R0, #9
; Convert R0 hex value (0 to 15) into ASCII
; ('0'-'9', 'A'-'F')
ITE
GT
; Next 2 instructions are conditional
ADDGT
R1, R0, #55
; Convert 0xA -> 'A'
ADDLE
R1, R0, #48
; Convert 0x0 -> '0'
IT
GT
; IT block with only one conditional instruction
ADDGT
R1, R1, #1
; Increment R1 conditionally
ITTEE
EQ
; Next 4 instructions are conditional
MOVEQ
R0, R1
; Conditional move
ADDEQ
R2, R2, #10
; Conditional add
ANDNE
R3, R3, #1
; Conditional AND
BNE.W
dloop
; Branch instruction can only be used in the last
; instruction of an IT block
IT
NE
; Next instruction is conditional
ADD
R0, R0, R1
; Syntax error: no condition code used in IT block
3.8.8
TBB and TBH
Table Branch Byte and Table Branch Halfword.
Syntax
TBB [Rn, Rm]
TBH [Rn, Rm, LSL #1]
where:
•
‘Rn’ is the register containing the address of the table of branch lengths.
If Rn is PC, then the address of the table is the address of the byte immediately
following the TBB or TBH instruction.
•
‘Rm’ is the index register. This contains an index into the table. For halfword tables,
LSL #1 doubles the value in Rm to form the right offset into the table.
Operation
These instructions cause a PC-relative forward branch using a table of single byte offsets for
TBB, or halfword offsets for TBH. Rn provides a pointer to the table, and Rm supplies an
index into the table. For TBB the branch offset is twice the unsigned value of the byte
returned from the table. and for TBH the branch offset is twice the unsigned value of the
halfword returned from the table. The branch occurs to the address at that offset from the
address of the byte immediately after the TBB or TBH instruction.
Restrictions
The restrictions are:
•
Rn must not be SP
•
Rm must not be SP and must not be PC
•
When any of these instructions is used inside an IT block, it must be the last instruction
of the IT block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com