Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0056 Datasheet(PDF) 67 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 63Page - STMicroelectronics PM0056 Datasheet HTML 64Page - STMicroelectronics PM0056 Datasheet HTML 65Page - STMicroelectronics PM0056 Datasheet HTML 66Page - STMicroelectronics PM0056 Datasheet HTML 67Page - STMicroelectronics PM0056 Datasheet HTML 68Page - STMicroelectronics PM0056 Datasheet HTML 69Page - STMicroelectronics PM0056 Datasheet HTML 70Page - STMicroelectronics PM0056 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 156 page
background image
DocID15491 Rev 5
67/156
PM0056
The Cortex-M3 instruction set
3.4.6
LDM and STM
Load and store multiple registers.
Syntax
op{addr_mode}{cond} Rn{!}, reglist
where:
‘op’ is either LDM (load multiple register) or STM (store multiple register)
‘addr_mode’ is any of the following:
IA: Increment address after each access (this is the default)
DB: Decrement address before each access
‘cond’ is an optional condition code (see Conditional execution on page 57)
‘Rn’ is the register on which the memory addresses are based
‘!’ is an optional writeback suffix. If ‘!’ is present, the final address that is loaded from or
stored to is written back into Rn.
‘reglist’ is a list of one or more registers to be loaded or stored, enclosed in braces. It
can contain register ranges. It must be comma-separated if it contains more than one
register or register range (see Examples on page 68).
LDM and LDMFD are synonyms for LDMIA. LDMFD refers to its use for popping data from
full descending stacks.
LDMEA is a synonym for LDMDB, and refers to its use for popping data from empty
ascending stacks.
STM and STMEA are synonyms for STMIA. STMEA refers to its use for pushing data onto
empty ascending stacks.
STMFD is s synonym for STMDB, and refers to its use for pushing data onto full descending
stacks
Operation
LDM instructions load the registers in reglist with word values from memory addresses
based on Rn.
STM instructions store the word values in the registers in reglist to memory addresses based
on Rn.
For LDM, LDMIA, LDMFD, STM, STMIA, and STMEA the memory addresses used for the
accesses are at 4-byte intervals ranging from Rn to Rn + 4 * (n-1), where n is the number of
registers in reglist. The accesses happen in order of increasing register numbers, with the
lowest numbered register using the lowest memory address and the highest number
register using the highest memory address. If the writeback suffix is specified, the value of
Rn + 4 * (n-1) is written back to Rn.
For LDMDB, LDMEA, STMDB, and STMFD the memory addresses used for the accesses
are at 4-byte intervals ranging from Rn to Rn - 4 * (n-1), where n is the number of registers in
reglist. The accesses happen in order of decreasing register numbers, with the highest
numbered register using the highest memory address and the lowest number register using
the lowest memory address. If the writeback suffix is specified, the value Rn - 4 * (n-1) is
written back to Rn.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com