Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0056 Datasheet(PDF) 101 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 97Page - STMicroelectronics PM0056 Datasheet HTML 98Page - STMicroelectronics PM0056 Datasheet HTML 99Page - STMicroelectronics PM0056 Datasheet HTML 100Page - STMicroelectronics PM0056 Datasheet HTML 101Page - STMicroelectronics PM0056 Datasheet HTML 102Page - STMicroelectronics PM0056 Datasheet HTML 103Page - STMicroelectronics PM0056 Datasheet HTML 104Page - STMicroelectronics PM0056 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 156 page
background image
DocID15491 Rev 5
101/156
PM0056
The Cortex-M3 instruction set
where:
‘cond’ is an optional condition code, see Conditional execution on page 57.
‘Rd’ is the destination register.
‘spec_reg’ can be any of: APSR, IPSR, EPSR, IEPSR, IAPSR, EAPSR, PSR, MSP,
PSP, PRIMASK, BASEPRI, BASEPRI_MAX, FAULTMASK, or CONTROL.
Operation
Use MRS in combination with MSR as part of a read-modify-write sequence for updating a
PSR, for example to clear the Q flag.
In process swap code, the programmers model state of the process being swapped out
must be saved, including relevant PSR contents. Similarly, the state of the process being
swapped in must also be restored. These operations use MRS in the state-saving
instruction sequence and MSR in the state-restoring instruction sequence.
BASEPRI_MAX is an alias of BASEPRI when used with the MRS instruction.
See MSR on page 101.
Restrictions
Rd must not be SP and must not be PC.
Condition flags
This instruction does not change the flags.
Examples
MRS
R0, PRIMASK ; Read PRIMASK value and write it to R0
3.9.7
MSR
Move the contents of a general-purpose register into the specified special register.
Syntax
MSR{cond} spec_reg, Rn
where:
‘cond’ is an optional condition code, see Conditional execution on page 57.
‘Rn’ is the source register.
‘spec_reg’ can be any of: APSR, IPSR, EPSR, IEPSR, IAPSR, EAPSR, PSR, MSP,
PSP, PRIMASK, BASEPRI, BASEPRI_MAX, FAULTMASK, or CONTROL.
Operation
The register access operation in MSR depends on the privilege level. Unprivileged software
can only access the APSR, see Table 4: APSR bit definitions on page 17. Privileged
software can access all special registers.
In unprivileged software writes to unallocated or execution state bits in the PSR are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com