Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0056 Datasheet(PDF) 119 Page - STMicroelectronics

Part # PM0056
Description  This programming manual provides information
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0056 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button PM0056 Datasheet HTML 115Page - STMicroelectronics PM0056 Datasheet HTML 116Page - STMicroelectronics PM0056 Datasheet HTML 117Page - STMicroelectronics PM0056 Datasheet HTML 118Page - STMicroelectronics PM0056 Datasheet HTML 119Page - STMicroelectronics PM0056 Datasheet HTML 120Page - STMicroelectronics PM0056 Datasheet HTML 121Page - STMicroelectronics PM0056 Datasheet HTML 122Page - STMicroelectronics PM0056 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 156 page
background image
DocID15491 Rev 5
119/156
PM0056
Core peripherals
The processor automatically stacks its state on exception entry and unstacks this state on
exception exit, with no instruction overhead. This provides low latency exception handling.
The hardware implementation of the NVIC registers is:
4.3.1
The CMSIS mapping of the Cortex-M3 NVIC registers
To improve software efficiency, the CMSIS simplifies the NVIC register presentation. In the
CMSIS:
•
The Set-enable, Clear-enable, Set-pending, Clear-pending and Active Bit registers
map to arrays of 32-bit integers, so that:
–
The array ISER[0] to ISER[2] corresponds to the registers ISER0-ISER2
–
The array ICER[0] to ICER[2] corresponds to the registers ICER0-ICER2
–
The array ISPR[0] to ISPR[2] corresponds to the registers ISPR0-ISPR2
–
The array ICPR[0] to ICPR[2] corresponds to the registers ICPR0-ICPR2
–
The array IABR[0] to IABR[2] corresponds to the registers IABR0-IABR2.
•
The 8-bit fields of the Interrupt Priority Registers map to an array of 8-bit integers, so
that the array IP[0] to IP[67] corresponds to the registers IPR0-IPR67, and the array
entry IP[n] holds the interrupt priority for interrupt n.
The CMSIS provides thread-safe code that gives atomic access to the Interrupt Priority
Registers. For more information see the description of the NVIC_SetPriority function in
NVIC programming hints on page 127. Table 41 shows how the interrupts, or IRQ numbers,
map onto the interrupt registers and corresponding CMSIS variables that have one bit per
interrupt.
Table 41. Mapping of interrupts to the interrupt variables
Interrupts
CMSIS array elements(1)
1. Each array element corresponds to a single NVIC register, for example the element ICER[1] corresponds
to the ICER1 register.
Set-enable
Clear-enable
Set-pending
Clear-pending
Active Bit
0-31
ISER[0]
ICER[0]
ISPR[0]
ICPR[0]
IABR[0]
32-63
ISER[1]
ICER[1]
ISPR[1]
ICPR[1]
IABR[1]
64-67
ISER[2]
ICER[2]
ISPR[2]
ICPR[2]
IABR[2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com