Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3985 Datasheet(PDF) 64 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 60Page - STMicroelectronics AN3985 Datasheet HTML 61Page - STMicroelectronics AN3985 Datasheet HTML 62Page - STMicroelectronics AN3985 Datasheet HTML 63Page - STMicroelectronics AN3985 Datasheet HTML 64Page - STMicroelectronics AN3985 Datasheet HTML 65Page - STMicroelectronics AN3985 Datasheet HTML 66Page - STMicroelectronics AN3985 Datasheet HTML 67Page - STMicroelectronics AN3985 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 105 page
background image
LRIxK layer
AN3985
64/105
Doc ID 022255 Rev 2
LRIxK_Lock_Kill function
This function sends, through the CR95HF, a lock kill command to an LRIxK contactless tag
present in the RF field or designated by its UID.
Note:
The kill code written previously is locked by the LRIxK contactless tag and, once done, the
kill code cannot be changed.
LRIxK_Inventory_Initiated function
This function sends, through the CR95HF, an initiate command to an LRIxK contactless tag
present in the field or designated by its UID. On receiving the initiate command, the LRIxK
contactless tag sets the internal initiate flag (to send an inventory initiated command) and
returns its UID and its DSFID.
Table 110.
LRIxK_Lock_Kill function description
Prototype
u8 LRIxK_Lock_Kill(ISO15693_Tag* MyTag, u8
Request_flags, u8* Tag_UID);
Input parameter
Request_flags: option flag to indicate the parameters to use for the flag
response and if UID is present (addressed)
Tag_UID: pointer on the UID of the tag
Output parameter
MyTag: pointer on the structure that contains the tag response
Return parameter
LRIxK_ERROR_CODE: The command failed. Either there is no tag or the tag
did not manage to perform the request.
LRIxK_ERROR_REQUEST_FLAGS_CODE: The inventory flag is set.
LRIxK_COMMAND_SUCCESS_CODE: The tag answered the command.
Table 111.
LRIxK_Inventory_Initiated function description
Prototype
u8 LRIxK_Inventory_Initiated(ISO15693_Tag* MyTag,
const u8 Request_flags, const u8 Tag_AFI, const u8
MaskLength, const u8* Mask, u8*
Inventory_16_slots_Nb_UID_Retrieved);
Input parameter
Request_flags: option flag to indicate the parameters to use for the flag
response (1)
Tag_AFI: the optional AFI to select a tag family
MaskLength: length of the mask for transmitting(2)
Mask: the mask to transmit
Inventory_16_slots_Nb_UID_Retrieved: pointer to retrieve the number of tags
seen during the inventory 16 slots
1.
Masklength represents the number of significant bits. The user should ensure that other bits are reset for
padding.
2.
The inventory flag is reset.
Output parameter
MyTag: pointer on the structure
Return parameter
LRIxK_ERROR_CODE: The command failed. Either there is no tag or the tag
did not manage to perform the request.
LRIxK_ERROR_REQUEST_FLAGS_CODE: The inventory flag is not set.
LRIxK_COMMAND_SUCCESS_CODE: The tag answered the command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com