Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3985 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 7Page - STMicroelectronics AN3985 Datasheet HTML 8Page - STMicroelectronics AN3985 Datasheet HTML 9Page - STMicroelectronics AN3985 Datasheet HTML 10Page - STMicroelectronics AN3985 Datasheet HTML 11Page - STMicroelectronics AN3985 Datasheet HTML 12Page - STMicroelectronics AN3985 Datasheet HTML 13Page - STMicroelectronics AN3985 Datasheet HTML 14Page - STMicroelectronics AN3985 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 105 page
background image
AN3985
Overview
Doc ID 022255 Rev 2
11/105
3
Overview
3.1
CR95HF overview
The CR95HF is a Radio Frequency (RF) transceiver Integrated Circuit (IC) for 13.56 MHz
contactless tags, which includes ISO/IEC 14443, ISO/IEC 15693 and ISO/IEC 18092
protocols. It manages the RF communication with Radio Frequency Identification (RFID) or
Near Field Communication (NFC) tags. It includes frame coding, RF modulation and
contactless tag response decoding.
The CR95HF is a slave device and must be controlled by a host (Microcontroller Unit). This
library is an interface between user application function and standard peripheral driver.
The library was written in compliance with ANSI C standards.
Figure 1 describes a typical application block diagram.
Figure 1.
Typical application block diagram
For more details concerning the CR95HF, please refer to CR95HF datasheet.
3.2
Library overview
The library described in this application note is composed of three layers:
●
A low level layer supporting the commands described in the CR95HF datasheet. This
level is fully supported by the CR95HF library.
●
An intermediate layer based on ISO/IEC 15693 specification
●
A product layer supporting the commands described in the LRIxK and M24LRxx
datasheets
3.2.1
Example of an application architecture
The library can be downloaded from http://www.st.com.
Figure 2 shows the interaction between a typical user application and the CR95HF library
layers.
MS19958V1
ISO15693 RF
MCU
CR95HF
Contactless tag
CR95HF
library
ISO15693 RF
Memory products
Dual IC M24LR*
products
RF communication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com