Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3985 Datasheet(PDF) 72 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 68Page - STMicroelectronics AN3985 Datasheet HTML 69Page - STMicroelectronics AN3985 Datasheet HTML 70Page - STMicroelectronics AN3985 Datasheet HTML 71Page - STMicroelectronics AN3985 Datasheet HTML 72Page - STMicroelectronics AN3985 Datasheet HTML 73Page - STMicroelectronics AN3985 Datasheet HTML 74Page - STMicroelectronics AN3985 Datasheet HTML 75Page - STMicroelectronics AN3985 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 105 page
background image
M24LRxx layer
AN3985
72/105
Doc ID 022255 Rev 2
M24LRxx_Get_Multiple_Blocks_Security_Status function
This function sends, through the CR95HF, a get multiple blocks security status command to
a contactless tag in the field.
Note:
Received data is stored into the internal EEPROM of the MCU.
M24LRxx_Write_Sector_Password function
This function sends, through the CR95HF, a write sector password command to a
contactless tag in the field.
Table 120.
M24LRxx_Get_Multiple_Blocks_Security_Status function description
Prototype
u8
M24LRxx_Get_Multiple_Blocks_Security_Status(ISO15693_Tag*
MyTag, const u8 Request_flags, const u8* Tag_UID, const u16
First_Block_number, const u8 Number_of_Blocks);
Input parameter
Request_flags: specifies the actions to be performed by the contactless tag and
whether corresponding fields are present or not. (1) (2)
Tag_UID: pointer on the UID (optional)
block_number: address of the block to read (3)
Number_of_Blocks: number of blocks to read after the first one
1.
The Address flag indicates if Tag_UID field will be added to the command (addressed mode).
2.
If the memory size is more than 8 kbit, the protocol extension flag of request flags should be set.
3.
If the memory size is more than 8 kbit, the block number is composed by two bytes.
Output parameter
MyTag: pointer on the structure that contains the tag response
Return parameter
M24LRxx_ERROR_CODE: The command failed.
M24LRxx_ERROR_PARAMETERS_REQUEST_FLAGS: The inventory flag is
set.
M24LRxx_SUCCESS_CODE: The tag answered the command.
Table 121.
M24LRxx_Write_Sector_Password function description
Prototype
u8 M24LRxx_Write_Sector_Password(ISO15693_Tag* MyTag, const
u8 Request_flags, const u8* Tag_UID,const u8
Password_Number ,const u8* Password);
Input parameter
Request_flags: specifies the actions to be performed by the contactless tag and
whether corresponding fields are present or not. (1)
Tag_UID: pointer on the UID (optional)
Password_Number: number identifying the password (between 1 and 3)
Password: password to write
1.
The Address flag indicates if Tag_UID field will be added to the command (addressed mode).
Output parameter
MyTag: pointer on the structure that contains the tag response
Return parameter
M24LRxx_ERROR_CODE: The command failed.
M24LRxx_ERROR_PARAMETERS_REQUEST_FLAGS: The inventory flag is
set.
M24LRxx_SUCCESS_CODE: The tag answered the command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com