Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3985 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 23Page - STMicroelectronics AN3985 Datasheet HTML 24Page - STMicroelectronics AN3985 Datasheet HTML 25Page - STMicroelectronics AN3985 Datasheet HTML 26Page - STMicroelectronics AN3985 Datasheet HTML 27Page - STMicroelectronics AN3985 Datasheet HTML 28Page - STMicroelectronics AN3985 Datasheet HTML 29Page - STMicroelectronics AN3985 Datasheet HTML 30Page - STMicroelectronics AN3985 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 105 page
background image
AN3985
CR95HF low level layer
Doc ID 022255 Rev 2
27/105
CR95HF_Wait_Wake_up_From_Idle function
The purpose of this function is to wait for CR95HF to exit the idle state and retrieve what
caused the wake-up. The method proposed is to wait for the CR95HF answer and then to
send several echo commands in order to resume communication and clear the CR95HF
response FIFO stack.
This function waits for CR95HF to wake-up on its own (internal timer, tag detection).
After this, the CR95HF_Wake_up_CR95HF function may be called to wake-up the CR95HF
with NNS or IRQ_IN interrupt.
CR95HF_Wake_up_CR95HF function
This function wakes up the CR95HF device from idle mode. The method proposed is to
send several echo commands in order to resume communication and clear the CR95HF
response FIFO stack.
Table 36.
CR95HF_Wait_Wake_up_From_Idle function description
Prototype
u8 CR95HF_Wait_Wake_up_from_Idle(CR95HF_ResponseReceiving*
CR95HF_Response_Idle,CR95HF_Idle_Config* Idle_Config, u8
Number_of_DELAY_BEFORE_TIMEOUT_250MS);
Input parameter
Idle_Config: pointer on the structure to update with the new last reason of wake-up
Number_of_DELAY_BEFORE_TIMEOUT_250MS: number of periods of
250ms duration to wait before aborting the procedure
Output parameter
Idle_Config: pointer on the structure to write the High compare value and low
compare value for tag detection and the last wake-up reason
Return parameter
EXIT_COMMUNICATION_OK (CR95HF_SUCCESS_CODE): communication is
possible.
EXIT_COMMUNICATION_TIMEOUT: communication is not possible.
Table 37.
CR95HF_Wake_up_CR95HF function description
Prototype
u8 CR95HF_Wake_up_CR95HF(CR95HF_Idle_Config* Idle_Config);
Input parameter
Idle_Config: contains the wake-up condition
Output parameter
None
Return parameter
CR95HF_SUCCESS_CODE: the CR95HF woke up, communication is possible.
CR95HF_ERROR_CODE: fail to wake-up the CR95HF, either the CR95HF waits
for another event (tag detection, timer) or communication cannot be resumed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com