Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3985 Datasheet(PDF) 96 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 92Page - STMicroelectronics AN3985 Datasheet HTML 93Page - STMicroelectronics AN3985 Datasheet HTML 94Page - STMicroelectronics AN3985 Datasheet HTML 95Page - STMicroelectronics AN3985 Datasheet HTML 96Page - STMicroelectronics AN3985 Datasheet HTML 97Page - STMicroelectronics AN3985 Datasheet HTML 98Page - STMicroelectronics AN3985 Datasheet HTML 99Page - STMicroelectronics AN3985 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 105 page
background image
Application example
AN3985
96/105
Doc ID 022255 Rev 2
8.2
Hardware
Two STM8L boards can be used with this firmware:
●
The STM8L discovery board. It can be used as a demonstration board.
●
The STM8L evaluation board. It can be used as a development board.
8.2.1
STM8L discovery board
The STM8L Discovery board helps you to discover the STM8L ultra low power features and
to develop and share your applications. It is based on an STM8L152C6T6 and includes an
ST-Link embedded debug tool interface, an LCD, LEDs and push buttons.
The LCD of the discovery board used the most of available GPIO and the available GPIO is
not enough to communicate with the CR95HF devices. This is the reason why the LCD of
STM8L discovery board is deactivated.
The LEDs are the only information source for the user application.
The STM8L discovery board documentation is available on STM website.
8.2.2
STM8L evaluation board
The STM8L1528-EVAL evaluation board is designed as a complete demonstration and
development platform for the STM8 core based STM8L152M8T6 microcontroller with I2C,
two SPI channels, 3 USART channels, 12-bit ADC, two 12-bit DACs, an LCD driver, internal
SRAM, data EEPROM and Flash program memory as well as SWIM debugging support.
The full range of hardware features on the board is provided to help you evaluate all the
MCU peripherals (motor control, USART, microphone, audio DAC, LCD, IR LED, IrDA, SPI
Flash, MicroSD card, temperature sensor, EEPROM… etc.) and develop your own
applications. Extension headers make it possible to easily connect a daughter board or
wrapping board for your specific application.
An ST-LINK V2 is integrated on the board as an embedded in-circuit debugger and
programmer for the STM8 MCU.
The STM8L evaluation documentation is available on STM website.
8.2.3
CR95HF plug board
The PLUG-CR95HF-B is a board which includes a CR95HF device and a matched antenna.
A host configured as a master can communicate with CR95HF through the SPI bus.
The PLUG-CR95HF-B is powered through the Vps pin and no external power supply is
required. It includes a CR95HF contactless transceiver, a 47 x 34 mm 13.56 MHz inductive
etched antenna and its associated tuning components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com