Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3985 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 14Page - STMicroelectronics AN3985 Datasheet HTML 15Page - STMicroelectronics AN3985 Datasheet HTML 16Page - STMicroelectronics AN3985 Datasheet HTML 17Page - STMicroelectronics AN3985 Datasheet HTML 18Page - STMicroelectronics AN3985 Datasheet HTML 19Page - STMicroelectronics AN3985 Datasheet HTML 20Page - STMicroelectronics AN3985 Datasheet HTML 21Page - STMicroelectronics AN3985 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 105 page
background image
CR95HF low level layer
AN3985
18/105
Doc ID 022255 Rev 2
CR95HF_ProtocolSelect function
This function sends a Protocol Select command to the CR95HF. It selects the RF
communication protocol, configures RF parameters, and switches the RF field on.To set up
communications with a contactless tag, the Protocol Select command shall be sent to the
CR95HF before the SendRecv command.
For more detail concerning this parameter, please refer to the CR95HF datasheet.
Table 14.
CR95HF_ProtocolSelect function description
Prototype
u8 CR95HF_ProtocolSelect (const u8 Protocol, const u8
ParametersLength,const u8* Parameters,
CR95HF_Protocol_Config* Protocol_Settings);
Input parameter(1)
1.
The input parameter settings depend on the selected protocol. This application note applies to ISO/IEC
15693 products.
Protocol: RF protocol selected
ParametersLength: length of any parameters attached
Parameters: any parameters to be attached for different protocols
Output parameter
Protocol_Settings: structure at the end of the command containing the
last protocol selected and its parameters
Return parameter
CR95HF_SUCCESS_CODE: The command is successful.
CR95HF_ERROR_INVALID_PROTOCOL: The protocol selected is invalid.
CR95HF_ERROR_INVALID_CMD_LENGTH: The command length is
invalid.
CR95HF_ERROR_CODE: The command failed.
Table 15.
Input parameters settings for ISO/IEC 15693 protocol
Parameter name
Byte
Bit
Value
Example
Command code
0
0x02
02020126
Length
1
0x02
Protocol
2
0x01: ISO/IEC 15693 protocol
Parameter
3
7:6
RFU
5:4
0b00: 26 kbps
0b01: 52 kbps
0b10: 6 kbps
0b11: RFU
3
0b0: ensure a 312 µs delay
0b1: wait for SOF
2
0b0: 100% modulation
0b1: 10% modulation
1
0b0: single subcarrier
0b1: single subcarrier
0
0b0: don’t append CRC
0b1: append CRC (1)
1.
It is recommended to set the append CRC bit (see Chapter 5.3.4: CRC16 management)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com