Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3985 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 20Page - STMicroelectronics AN3985 Datasheet HTML 21Page - STMicroelectronics AN3985 Datasheet HTML 22Page - STMicroelectronics AN3985 Datasheet HTML 23Page - STMicroelectronics AN3985 Datasheet HTML 24Page - STMicroelectronics AN3985 Datasheet HTML 25Page - STMicroelectronics AN3985 Datasheet HTML 26Page - STMicroelectronics AN3985 Datasheet HTML 27Page - STMicroelectronics AN3985 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 105 page
background image
CR95HF low level layer
AN3985
24/105
Doc ID 022255 Rev 2
CR95HF_IdlebyTimer function
This function sends an Idle command to CR95HF. The wake-up source is its internal timer.
4.3.4
Is functions
These functions check a parameter and return either TRUE_CODE or FALSE_CODE.
CR95HF_IsReaderResultOK function
This function checks if the CR95HF has answered a successful code.
_
Is_IRQ_in_Interupt_Wake_up_Condition function
This function returns whether an interrupt on IRQ_IN pin is a wake-up condition or not.
Table 28.
CR95HF_IdlebyTimer function description
Prototype
u8 CR95HF_IdlebyTimer (const u8 WakeUpSource,const u8
LFOfreq, const u8 WUperiod,const u8 MaxSleep,
CR95HF_Idle_Config* Idle_Config);
Input parameter
WakeUpSource: other source of wake-up for CR95HF than tag detecting (1)
LFOfreq: LFO frequency (2bits) (00: 32 kHz, 01: 16 kHz, 10: 8 kHz, 11: 4 kHz)
WUperiod: timeout = ( Wuperiod +1 )* MaxSleep * 256 / LFOfreq
MaxSleep: timeout = ( Wuperiod +1 )* MaxSleep * 256 / LFOfreq
1.
For example, for a wake-up by a pulse on SPI_NSS pad, use CR95HF_IDLE_WAKEUP_SPINSS value.
For a wake-up by a pulse on IRQ_IN pad, use CR95HF_IDLE_WAKEUP_IRQ_in value.
Output parameter
Idle_Config: pointer on the structure contains the data about some idle
parameters to update
Return parameter
CR95HF_SUCCESS_CODE: The command is successful.
Table 29.
CR95HF_IsReaderResultOK function description
Prototype
u8 CR95HF_IsReaderResultOK(CR95HF_ResponseReceiving*
Response,const u8 Code_OK);
Input parameter
CR95HF_ResponseReceiving* Response,
Output parameter
None
Return parameter
TRUE_CODE: CR95HF returned a successful code.
FALSE_CODE: CR95HF did not return a successful code.
Table 30.
Is_IRQ_in_Interupt_Wake_up_Condition function description
Prototype
u8 CR95HF_Is_IRQ_in_Interrupt_Wake_up_Condition(u8
WUFlags);
Input parameter
WUFlags: the byte containing the expected data
Output parameter
None
Return parameter
TRUE_CODE: An interrupt on IRQ_IN pin is a wake-up condition.
FALSE_CODE: An interrupt on IRQ_IN pin is not a wake-up condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com