| Electronic Components Datasheet Search |
|
AN3985 Datasheet(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3985 Datasheet(HTML) 68 Page - STMicroelectronics |
|
68 / 105 page ![]() M24LRxx layer AN3985 68/105 Doc ID 022255 Rev 2 7.2.3 Request flags and CR95HF_ProtocolSelect functions The CR95HF_ProtocolSelect function (defined into CR95HF layer) selects the RF protocol and defines, for a CR95HF device, the datarate and contactless tag response format (single or double subcarrier). Once the protocol and the RF parameters are configured, the CR95HF is able to decode only contactless tag responses with same format and datarate. The datarate and contactless tag response format are also defined in the request flag byte of each command. The user application must ensure that the datarate and subcarrier flags match the CR95HF_ProtocolSelect function parameters. This check is performed by the ISO/IEC 15693 layer functions. If the parameters do not match, the functions are not executed and the corresponding commands are not sent to the CR95HF. 7.3 M24LRxx commands M24LRxx devices are based on ISO/IEC 15693 specification. Thus the M24LRxx functions call the ISO/IEC 15693 functions. Furthermore the M24LRxx functions carry out some additional checks and modify some parameter as defined in the M24LRxx datasheet. Table 115 shows the relationship between M24LRxx and ISO/IEC 15693 layer. The "function name" column presents the M24LRxx functions. The next column gives the ISO15593 layer functions called. If the functions does not exist in the ISO/IEC 15693 layer, the "New function" idiom is display. Table 115. Relationship between M24LRxx and ISO/IEC 15693 layer Function name New or equivalent function Brief description M24LRxx_Inventory ISO15693_Inventory M24LRxx_Stay_Quiet ISO15693_Stay_Quiet M24LRxx_Read_Single_Block New function Sends a ReadSingleBlock command M24LRxx_Write_Single_Block New function Sends a WriteSingleBlock command M24LRxx_Read_Multiple_Block New function Sends a ReadMultipleBlock command M24LRxx_Select ISO15693_Select M24LRxx_Reset_to_Ready ISO15693_Reset_to_R eady M24LRxx_Write_AFI ISO15693_Write_AFI M24LRxx_Lock_AFI ISO15693_Lock_AFI M24LRxx_Write_DSFID ISO15693_Write_DSFI D M24LRxx_Lock_DSFID ISO15693_Lock_DSFID M24LRxx_Get_System_Info New functions Sends a GetSystemInfo command |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |