Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3985 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3985 Datasheet HTML 1Page - STMicroelectronics AN3985 Datasheet HTML 2Page - STMicroelectronics AN3985 Datasheet HTML 3Page - STMicroelectronics AN3985 Datasheet HTML 4Page - STMicroelectronics AN3985 Datasheet HTML 5Page - STMicroelectronics AN3985 Datasheet HTML 6Page - STMicroelectronics AN3985 Datasheet HTML 7Page - STMicroelectronics AN3985 Datasheet HTML 8Page - STMicroelectronics AN3985 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 105 page
background image
February 2012
Doc ID 022255 Rev 2
1/105
AN3985
Application note
Using the CR95HF library with STM8L microcontrollers
1
Introduction
This document describes the CR95HF library allowing an STM8L microcontroller to drive
the CR95HF 13.56 MHz multiprotocol contactless transceiver using an SPI or UART
interface, in order to perform wireless communications with ISO/IEC15693 contactless tag.
The library was developed to speed up the development of applications using the CR95HF.
The CR95HF library is composed of three layers:
■
Low level CR95HF layer
■
Standard ISO/IEC 15693 protocol layer
■
Product layer (LRIxK and Dual Interface EEPROM contactless tag)
The library code has been developed in ANSI C language, and validated on an STM8L
evaluation board.
The firmware runs either on the STM8L1528-EVAL evaluation board or the STM8L-
DISCOVERY board. The MCU can be either the STM8L152M8 (on the STM8L1528-Eval
board) or the STM8L152C6 (STM8L-DISCOVERY).
1.1
Reference documents
■
ISO/IEC 15693 specification
■
LRIxK ISO/IEC 15693 contactless memory with 64-bit UID, AFI, DSFID, anti-collision and
kill function datasheet
■
CR95HF 13.56-MHz multi-protocol contactless transceiver IC with SPI and UART serial
access datasheet
■
M24LRxx dual interface EEPROM with password protection datasheet
■
UM1037: STM8L1528-EVAL evaluation board user manual
■
UM0970: STM8L-DISCOVERY evaluation board user manual
www.st.com


Similar Part No. - AN3985

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3980 STMICROELECTRONICS-AN3980 Datasheet
792Kb / 19P
This application note describes the implementation
22-Nov-2011
AN3981 STMICROELECTRONICS-AN3981 Datasheet
3Mb / 54P
LED array drivers
13-Jan-2012
AN3984 STMICROELECTRONICS-AN3984 Datasheet
499Kb / 46P
The purpose of this document is to provide a tool to calculate
26-Sep-2011
logo
Panasonic Semiconductor
AN3986FBP PANASONIC-AN3986FBP Datasheet
179Kb / 14P
Stereo Audio Signal Processor ICs for 8-mm Camcorder
AN3986FHP PANASONIC-AN3986FHP Datasheet
179Kb / 14P
Stereo Audio Signal Processor ICs for 8-mm Camcorder
More results

Similar Description - AN3985

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PLUG-CR95HF-B STMICROELECTRONICS-PLUG-CR95HF-B Datasheet
155Kb / 5P
Daughter board for the CR95HF 13.56 MHz transceiver IC
15-Mar-2012
AN3108 STMICROELECTRONICS-AN3108 Datasheet
791Kb / 44P
STLM75 firmware library for the STM32F10x
12-Oct-2010
AN2182 STMICROELECTRONICS-AN2182 Datasheet
227Kb / 18P
Filters using the ST10 DSP library
19-Jul-2007
AN3126 STMICROELECTRONICS-AN3126 Datasheet
835Kb / 24P
Audio and waveform generation using the DAC in STM32 microcontrollers
16-Apr-2015
AN3375 STMICROELECTRONICS-AN3375 Datasheet
695Kb / 73P
CR95HF library for ISO15693 and Dual Interface EEPROM products
22-Apr-2011
AN3397 STMICROELECTRONICS-AN3397 Datasheet
434Kb / 24P
Temperature sensor example using the STM8L-DISCOVERY board
12-Oct-2012
AN3992 STMICROELECTRONICS-AN3992 Datasheet
850Kb / 22P
Using an STM8L162M8 AES hardware accelerator with a CR95HF to encrypt contactless tag data memory
02-Apr-2012
UM0970 STMICROELECTRONICS-UM0970 Datasheet
1Mb / 30P
STM8L-DISCOVERY
15-Jun-2011
DEMO-CR95HF-A STMICROELECTRONICS-DEMO-CR95HF-A Datasheet
130Kb / 5P
Demonstration kit for the CR95HF 13.56 MHz transceiver IC
10-Sep-2012
logo
NEC
T40A2 NEC-T40A2 Datasheet
91Kb / 2P
Tape Library
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com