Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3985 Datasheet(PDF) 75 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 71Page - STMicroelectronics AN3985 Datasheet HTML 72Page - STMicroelectronics AN3985 Datasheet HTML 73Page - STMicroelectronics AN3985 Datasheet HTML 74Page - STMicroelectronics AN3985 Datasheet HTML 75Page - STMicroelectronics AN3985 Datasheet HTML 76Page - STMicroelectronics AN3985 Datasheet HTML 77Page - STMicroelectronics AN3985 Datasheet HTML 78Page - STMicroelectronics AN3985 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 105 page
background image
AN3985
M24LRxx layer
Doc ID 022255 Rev 2
75/105
M24LRxx_Inventory_Initiated function
This function sends, through the CR95HF, a fast inventory command to a contactless tag in
the field.
M24LRxx_Fast_Inventory_Initiated function
This function sends, through the CR95HF, a fast inventory command to a contactless tag in
the field. The datarate of the response is multiplied by 2 (52 kbit/s in this case).
Note:
Received data is stored into the internal EEPROM of the MCU.
Table 126.
M24LRxx_Inventory_Initiated function description
Prototype
u8 M24LRxx_Inventory_Initiated(ISO15693_Tag* MyTag, const
u8 Request_flags, const u8 Tag_AFI, const u8 MaskLength,
const u8* Mask, u8* Inventory_16_slots_Nb_UID_Retrieved);
Input parameter
Request_flags: Specifies the actions to be performed by the contactless tag
and whether corresponding fields are present or not.
Tag_AFI: AFI field to select a contactless tag family (optional) (1)
MaskLength: length of the mask for transmitting (2)
Mask: the mask to transmit
Inventory_16_slots_Nb_UID_Retrieved: pointer to retrieve the number of tags
seen during the inventory 16 slots
1.
AFI field is added if AFI flag of requests flags is set.
2.
For example, to transmit a part of the UID of one tag. Masklength represents the number of significant bits.
The user should ensure that other bits are reset for padding.
Output parameter
MyTag: pointer on the structure that contains the tag response
Return parameter
M24LRxx_ERROR_CODE: The command failed.
M24LRxx_ERROR_PARAMETERS_REQUEST_FLAGS: The inventory flag is
set.
M24LRxx_SUCCESS_CODE: The tag answered the command.
Table 127.
M24LRxx_Fast_Inventory_Initiated function description
Prototype
u8 M24LRxx_Fast_Inventory_Initiated(ISO15693_Tag*
MyTag,const
u8 Request_flags, const u8 Tag_AFI, const u8
MaskLength, const u8* Mask, u8*
Inventory_16_slots_Nb_UID_Retrieved);
Input parameter
Request_flags: Specifies the actions to be performed by the contactless tag
and whether corresponding fields are present or not.
Tag_AFI: AFI field to select a contactless tag family (optional) (1)
MaskLength: Length of the mask for transmitting. (2)
Mask: The mask to transmit.
Inventory_16_slots_Nb_UID_Retrieved: Pointer to retrieve the number of tags
seen during the inventory 16 slots
1.
AFI field is added if AFI flag of requests flags is set
2.
For example to transmit a part of the UID of one tag. Masklength represents the number of significant bits.
The user should ensure that other bits are reset for padding.
Output parameter
MyTag: pointer on the structure that contains the tag response
Return parameter
M24LRxx_ERROR_CODE: The command failed.
M24LRxx_ERROR_PARAMETERS_REQUEST_FLAGS: The inventory flag is
set.
M24LRxx_SUCCESS_CODE: The tag answered the command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com