Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3985 Datasheet(PDF) 84 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 80Page - STMicroelectronics AN3985 Datasheet HTML 81Page - STMicroelectronics AN3985 Datasheet HTML 82Page - STMicroelectronics AN3985 Datasheet HTML 83Page - STMicroelectronics AN3985 Datasheet HTML 84Page - STMicroelectronics AN3985 Datasheet HTML 85Page - STMicroelectronics AN3985 Datasheet HTML 86Page - STMicroelectronics AN3985 Datasheet HTML 87Page - STMicroelectronics AN3985 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 105 page
background image
M24LRxx layer
AN3985
84/105
Doc ID 022255 Rev 2
M24LRxx_Get_Energy_Harvesting_Range function
This function returns the range of energy harvesting using the Configuration byte retrieved
with a Read Cfg command.
M24LRxx_Get_RF_BUSY_WIP function
This function returns the RF busy or Write in progress bit using the Configuration byte
retrieved with a ReadCfg command.
Table 143.
M24LRxx_Get_Energy_Harvesting_Range function description
Prototype
u8 M24LRxx_Get_Energy_Harvesting_Range( u8
Configuration_Byte);
Input parameter
Configuration_Byte: the byte containing the data available in the tag structure
at dataField [M24LRxx_CONFIGURATION_BYTE_CURSOR]
Output parameter
None
Return parameter
M24LRxx_CONFIGURATION_BYTE_RANGE_6_MA: The energy harvesting is
activated when at least 6 mA can be retrieved.
M24LRxx_CONFIGURATION_BYTE_RANGE_3_MA: The energy harvesting is
activated when at least 3 mA can be retrieved.
M24LRxx_CONFIGURATION_BYTE_RANGE_1_MA: The energy harvesting is
activated when at least 1 mA can be retrieved.
M24LRxx_CONFIGURATION_BYTE_RANGE_300_MA: The energy
harvesting is activated when at least 300 µA can be retrieved.
Table 144.
M24LRxx_Get_RF_BUSY_WIP function description
Prototype
u8 M24LRXX_Get_RF_BUSY_WIP(u8 Configuration_Byte);
Input parameter
Configuration_Byte: the byte containing the data available in the tag structure
at dataField[M24LRxx_CONFIGURATION_BYTE_CURSOR]
Output parameter
None
Return parameter
M24LRxx_CONFIGURATION_BYTE_RF_BUSY: Indicate to the I2C bus when
communication in RF is happening.
M24LRxx_CONFIGURATION_BYTE_RF_WIP: Indicate to the I2C bus when
data has been changed by the RF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com