| Electronic Components Datasheet Search |
|
AN3985 Datasheet(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3985 Datasheet(HTML) 35 Page - STMicroelectronics |
|
35 / 105 page ![]() AN3985 ISO/IEC 15693 layer Doc ID 022255 Rev 2 35/105 Table 46. Get functions Function name Brief description ISO15693_Get_Subcarrier_Flag Returns if the tag's response is made with one or two subcarriers. ISO15693_Get_DataRate_Flag Returns if the tag's response is made in high or low datarate. ISO15693_Get_Inventory_Flag Returns if the inventory flag is set or not. ISO15693_Get_ProtocolExtension_Flag Returns if the protocol extension flag is set or not. ISO15693_Get_Select_Flag Returns if the select flag is set or not. ISO15693_Get_Address_Flag Returns if the address flag is set or not. ISO15693_Get_AFI_Flag Returns if the AFI flag is set. ISO15693_Get_Slots_Flag Returns the number of slots flag. ISO15693_Get_Option_Flag Returns if the option flag is set or not. ISO15693_Get_RFU_Flag Returns if the RFU is set or not. ISO15693_Get_NumberofByte_MemSize_using_ ICREF Returns the number of bytes used to describe the memory size of the tag. ISO15693_Get_Size_of_Block_using_ICRef Returns the number of bytes of a EEPROM block. ISO15693_Get_Size_of_Block_using_MemSize Returns the number of bytes of a EEPROM block. ISO15693_Get_MemSize_kbits Returns the memory size of the tag in kbits. ISO15693_Get_MemSize_bits Returns the memory size of the tag in bits. ISO15693_Get_UID_from_EEPROM Retrieves the UID stored into the EEPROM by the inventory 16 slots commands. Table 47. CRC16 functions Function name Brief description ISO15693_CRC16 Computes CRC16 according to ISO/IEC 15693 specification. ISO15693_IsCorrectCRC16Residue Checks CRC16 residue according to ISO/IEC 15693 specification. ISO15693_CRC16_EEPROM Computes the CRC16 of data stored into the internal EEPROM. ISO15693_IsCorrectCRC16Residue_EEPROM Checks CRC16 residue of data stored into the internal EEPROM. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |