Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3985 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 15Page - STMicroelectronics AN3985 Datasheet HTML 16Page - STMicroelectronics AN3985 Datasheet HTML 17Page - STMicroelectronics AN3985 Datasheet HTML 18Page - STMicroelectronics AN3985 Datasheet HTML 19Page - STMicroelectronics AN3985 Datasheet HTML 20Page - STMicroelectronics AN3985 Datasheet HTML 21Page - STMicroelectronics AN3985 Datasheet HTML 22Page - STMicroelectronics AN3985 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 105 page
background image
AN3985
CR95HF low level layer
Doc ID 022255 Rev 2
19/105
CR95HF_SendRecv function
This function sends a SendRecv command. The parameter passed to the command is the
frame, which is coded according to the protocol previously selected by issuing a Protocol
Select command. The CR95HF encodes the frame, transmits it at 13.56 MHz, and decodes
the contactless tag response.
The Parameters of input parameter depend on the selected protocol. Table 15 gives
ISO/IEC 15693 protocol parameters.
In case of a correct response, the SendRecv response sent to MCU is as follows:
In case of an error response, the SendRecv response sent to MCU is as follows:
For more details, please refer to the CR95HF datasheet.
Table 16.
CR95HF_SendRecv function description
Prototype
u8 CR95HF_SendRecv(CR95HF_ResponseReceiving*
Response,const
CR95HF_CommandSending* Command);
Input parameter
Command: the command structure to send to a contactless tag
Output parameter
Response: pointer on the response structure
Return parameter
CR95HF_SUCCESS_CODE: The command is successful.
CR95HF_ERROR_CODE: The command failed. Response contains
the right error code.
Table 17.
SendRecv correct response
Parameter name
Byte
Bit
Value
Example
Result Code
0
7:0
0x80
0x800D0000FA20563C172202E
0746800
with:
80
: success code
0D
: number of bytes
0000FA20563C172202E0
:
contactless tag data
7468
: CRC
00
: control byte
Length
1
7:0
0xXX
Data
2:X
7:0
0xXX
CRC
X+2:X+3
7:0
0xXX
Control byte
X+4
7:2
RFU
1
CRC error if set
0
Collision detected if set
Table 18.
SendRecv error response
Parameter name
Byte
Bit
Value
Example
Result Code
0
7:0
0x8X
0x 87 00
: no tag in
the field
Length
1
7:0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com