Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3985 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 16Page - STMicroelectronics AN3985 Datasheet HTML 17Page - STMicroelectronics AN3985 Datasheet HTML 18Page - STMicroelectronics AN3985 Datasheet HTML 19Page - STMicroelectronics AN3985 Datasheet HTML 20Page - STMicroelectronics AN3985 Datasheet HTML 21Page - STMicroelectronics AN3985 Datasheet HTML 22Page - STMicroelectronics AN3985 Datasheet HTML 23Page - STMicroelectronics AN3985 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 105 page
background image
CR95HF low level layer
AN3985
20/105
Doc ID 022255 Rev 2
CR95HF_Idle function
This function sends an Idle command to the CR95HF to switch the CR95HF device into low
consumption mode.
Note:
Some Low power mode commands using the Idle command are defined in Chapter 4.3.3:
Low power mode functions
CR95HF_Rd_Wake_up_Reg function
This function reads the wake-up register of the CR95HF to determine what has caused the
awakening of the CR95HF after an Idle command.
Table 19.
CR95HF_Idle function description
Prototype
u8 CR95HF_Idle (const
u8 WakeUpFlags,const
u8
EnterCtrlL,const
u8 EnterCtrlH, const u8
WUCtrlL,const
u8 WUCtrlH,const
u8
LeaveCtrlL,const
u8
LeaveCtrlH ,const u8
WUPeriod,const
u8 OscStart,const
u8
DacStart,const
u8 DacDataL,const
u8
DacDataH,const
u8 SwingsCnt,const
u8 MaxSleep,
CR95HF_Idle_Config* Idle_Config);
Input parameter
WakeUpFlags: Specifies wake-up condition.
EnterCtrlL: first byte of setting to enter to Idle mode
EnterCtrlH: second byte of setting to enter to Idle mode
WUCtrlL: first byte of setting to wake-up from Idle mode
WUCtrlH: second byte of setting to wake-up from Idle mode
LeaveCtrlL: first byte of setting to leave Idle mode
LeaveCtrlH: second byte of setting to leave Idle mode
WUPreiod: period of time between two tags detection
OscStart: waiting time to stabilize HFO
DacStart: waiting time to stabilize DAC
DacDataL: lower compare value for tag detection
DacDataH: higher compare value for tag detection
SwingsCnt: number of HF swings during tag detection
MaxSleep: maximum number of tag detection trials before timeout
Output parameter
Idle_Config: pointer on the Idle structure
Return parameter
CR95HF_SUCCESS_CODE: The command is successful.
Table 20.
CR95HF_Rd_Wake_up_Reg function description
Prototype
u8 CR95HF_Rd_Wake_up_Reg(CR95HF_ResponseReceiving*
Response,CR95HF_Idle_Config* Idle_Config);
Input parameter
None
Output parameter
Response: pointer on the structure to fill in with the data retrieved
Idle_Config: pointer on the structure to update
Return parameter
CR95HF_SUCCESS_CODE: The command is successful.
CR95HF_ERROR_INVALID_CMD_LENGTH:The command failed,
invalid length.
CR95HF_ERROR_CODE: Command failed, response contains the
error code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com