Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3985 Datasheet(PDF) 65 Page - STMicroelectronics

Part # AN3985
Description  Using the CR95HF library with STM8L microcontrollers
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3985 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button AN3985 Datasheet HTML 61Page - STMicroelectronics AN3985 Datasheet HTML 62Page - STMicroelectronics AN3985 Datasheet HTML 63Page - STMicroelectronics AN3985 Datasheet HTML 64Page - STMicroelectronics AN3985 Datasheet HTML 65Page - STMicroelectronics AN3985 Datasheet HTML 66Page - STMicroelectronics AN3985 Datasheet HTML 67Page - STMicroelectronics AN3985 Datasheet HTML 68Page - STMicroelectronics AN3985 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 105 page
background image
AN3985
LRIxK layer
Doc ID 022255 Rev 2
65/105
LRIxK_Initiate function
This function sends, through the CR95HF, an initiate command to an LRIxK contactless tag
present in the RF field or designated by its UID. On receiving the initiate command, the
LRIxK contactless tag sets the internal initiate flag (to send an inventory initiated command)
and returns its UID and its DSFID.
Note:
The command should not be in addressed or selected mode.
ISO15693_Fast_Read_Single_Block function
This function sends, through the CR95HF, a read single block command to the LRIxK
contactless tag in the field. The particularity of this command is the data rate used by the
contactless tag to answer: 53kbits/s.
Table 112.
LRIxK_Initiate function description
Prototype
u8 LRIXK_Initiate(ISO15693_Tag* MyTag, const u8
Request_flags);
Input parameter
Request_flags: option flag to indicate the parameters to use for the flag
response (1)
1.
Masklength represents the numbers of significant bits. The user should ensure that others bits are reset for
padding.
Output parameter
MyTag: pointer on the structure that contains the tag response
Return parameter
LRIxK_ERROR_CODE: The command failed. Either there is no tag or the tag
did not manage to perform the request.
LRIxK_ERROR_REQUEST_FLAGS_CODE: The inventory flag is not set.
LRIxK_COMMAND_SUCCESS_CODE: The tag answered the command.
Table 113.
ISO15693_Fast_Read_Single_Block function description
Prototype
u8 LRIxK_Fast_Read_Single_Block(ISO15693_Tag* MyTag,
const u8 Request_flags, const u8* Tag_UID, const u8
Block_number);
Input parameter
Request_flags: option flag to indicate the parameters to use for the flag
response and if UID is present (addressed)
Tag_UID: pointer on the UID of the tag
Block_number: address of the block to read
Output parameter
MyTag: pointer on the structure that contains the tag response
Return parameter
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com