Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3286C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3286C/D
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3286C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3286C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 9Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 10Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 11Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
3.0V to 5.5V, 1.25Gbps/2.5Gbps
LAN Laser Drivers
8
_______________________________________________________________________________________
MODULATION
CONTROL
MODSET
TC
L = 3.9nH
L = 3.9nH
RL = 25Ω
BIASDRV
LASER
EQUIVALENT
LOAD
(OPEN)
OUT-
OUT+
FERRITE BEAD*
*MURATA
BLM11HA102
0.01µF
0.01µF
IN+
IN-
50Ω
50Ω
25Ω
RL
RMOD
VCC
VCC
VCC
IOUT
ICC
VCC
IMOD3/2
iMOD
VID
VID = VIN+ - VIN-
CURRENT
IMOD
VIN-
VIN+
VOLTS
TIME
100mVP-P MIN
830mVP-P MAX
200mVP-P MIN
1660mVP-P MAX
DIFFERENTIAL INPUT
RESULTING SIGNAL
MAX3286
MAX3296
Figure 1a. Output Load for AC Specification
VCC
POR
FAULT
FAULT ON MD
RESET BY EN SHUTDOWN
BY EN
SHDNDRV
OPTICAL
OUT
EN
NOTE: TIMING IS NOT TO SCALE.
tPORDLY
tFAULT
tRESET
tSHUTDN
tEN_RESET
Figure 1b. Fault Timing
_______________Detailed Description
The MAX3286/MAX3296 series of laser drivers contain a
bias generator with APC, laser modulator, power-on reset
(POR) circuit, and safety circuitry (Figures 2a and 2b).
Bias Generator
Figure 3 shows the bias generator circuitry containing a
power-control amplifier, controlled reference voltage,
smooth-start circuit, and window comparator. The bias
generator combined with an external PNP or NPN transis-
tor provides DC laser current to bias the laser in a light-
emitting state. When there is a monitor diode (MD) in the
laser package, the APC circuitry adjusts the laser-bias
current to maintain average power over temperature and
changing laser properties. The MD input is connected to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com