Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3286C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3286C/D
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3286C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3286C/D Datasheet HTML 1Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 2Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 3Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
General Description
The MAX3286/MAX3296 series of products are high-
speed laser drivers for fiber optic LAN transmitters opti-
mized for Gigabit Ethernet applications. Each device
contains a bias generator, laser modulator, and com-
prehensive safety features. Automatic power control
(APC) adjusts the laser bias current to maintain aver-
age optical power at a constant level, regardless of
changes in temperature or laser properties. For lasers
without a monitor photodiode, these products offer a
constant-current mode. The circuit can be configured
for use with conventional shortwave (780nm to 850nm)
or longwave (1300nm) laser diodes, as well as vertical-
cavity surface-emitting lasers (VCSELs).
The MAX3286 series (MAX3286–MAX3289) is opti-
mized for operation at 1.25Gbps, and the MAX3296
series (MAX3296–MAX3299) is optimized for 2.5Gbps
operation. Each device can switch 30mA of laser mod-
ulation current at the specified data rate. Adjustable
temperature compensation is provided to keep the opti-
cal extinction ratio within specifications over the operat-
ing temperature range. This series of devices is
optimized to drive lasers packaged in low-cost TO-46
headers. Deterministic jitter (DJ) for the MAX3286 is
typically 22ps, allowing a 72% margin to Gigabit
Ethernet DJ specifications.
These laser drivers provide extensive safety features to
guarantee single-point fault tolerance. Safety features
include dual enable inputs, dual shutdown circuits, and
a laser-power monitor. The safety circuit detects faults
that could cause dangerous light output levels. A pro-
grammable power-on reset pulse initializes the laser
driver at startup.
The MAX3286/MAX3296 are available in a compact, 5mm
✕ 5mm, 28-pin QFN or thin QFN package; a 5mm ✕ 5mm,
32-pin TQFP package; or in die form. The MAX3287/
MAX3288/MAX3289 and MAX3297/MAX3298/MAX3299
are available in a 16-pin TSSOP-EP package.
Applications
Gigabit Ethernet Optical Transmitter
Fibre Channel Optical Transmitter
ATM LAN Optical Transmitter
Features
♦ 7ps Deterministic Jitter (MAX3296)
22ps Deterministic Jitter (MAX3286)
♦ +3.0V to +5.5V Supply Voltage
♦ Selectable Laser Pinning (Common Cathode or
Common Anode) (MAX3286/MAX3296)
♦ 30mA Laser Modulation Current
♦ Temperature Compensation of Modulation Current
♦ Automatic Laser Power Control or Constant
Bias Current
♦ Integrated Safety Circuits
♦ Power-On Reset Signal
♦ QFN and Thin QFN Packages Available
3.0V to 5.5V, 1.25Gbps/2.5Gbps
LAN Laser Drivers
________________________________________________________________ Maxim Integrated Products
1
19-1550; Rev 6; 11/04
Ordering Information continued at end of data sheet.
Ordering Information
Typical Application Circuits and Selector Guide appear at
end of data sheet.
*Exposed pad is connected to GND.
Pin Configurations continued at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX3286CTI+
0°C to +70°C
28 Thin QFN
(5mm x 5mm)****
MAX3286CGI
0°C to +70°C
28 QFN
(5mm x 5mm)***
MAX3286CHJ
0°C to +70°C
32 TQFP
(5mm x 5mm)
15
16
17
18
19
20
21
POL
POL
MD
MON
GND
SHDNDRV
BIASDRV
7
6
5
4
3
2
1
PORDLY
EN
EN
GND
POR
FAULT
FAULT
MAX3286
MAX3296
THIN QFN*
TOP VIEW
+
Pin Configurations
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
*Dice are designed to operate from TJ = 0°C to +110°C, but
are tested and guaranteed only at TA = +25°C.
**Exposed pad.
***Package Code: G2855-1
****Package Code: T2855-7
+Denotes Lead-Free Package.


Similar Part No. - MAX3286C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3286CGI MAXIM-MAX3286CGI Datasheet
1Mb / 28P
3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
2005
MAX3286CHJ MAXIM-MAX3286CHJ Datasheet
1Mb / 28P
3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
2005
MAX3286CTI+ MAXIM-MAX3286CTI+ Datasheet
1Mb / 28P
3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
2005
More results

Similar Description - MAX3286C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3264 MAXIM-MAX3264 Datasheet
344Kb / 17P
3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
Rev 6, 5/04
MAX3266 MAXIM-MAX3266 Datasheet
152Kb / 8P
1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
19-4796; Rev 0; 1/99
MAX3996 MAXIM-MAX3996 Datasheet
785Kb / 17P
3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 1; 2/02
MAX3266 MAXIM-MAX3266_00 Datasheet
899Kb / 10P
1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
Rev 1; 6/00
logo
KOA Speer Electronics, ...
MAX3996CTP-T KOA-MAX3996CTP-T Datasheet
768Kb / 16P
3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
logo
Maxim Integrated Produc...
MAX3996CTP-T MAXIM-MAX3996CTP-T Datasheet
768Kb / 16P
3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 3; 5/04
MAX20419EVKIT MAXIM-MAX20419EVKIT Datasheet
120Kb / 1P
3.0V to 5.5V Operating Supply Voltage
MAX20416EVKIT MAXIM-MAX20416EVKIT Datasheet
107Kb / 1P
3.0V to 5.5V Operating Supply Voltage
MAX3264 MAXIM-MAX3264_V01 Datasheet
991Kb / 10P
3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
MAX3286 MAXIM-MAX3286_V01 Datasheet
1Mb / 28P
3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com