Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3286C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3286C/D
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3286C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3286C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 9Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 10Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 11Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 12Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
3.0V to 5.5V, 1.25Gbps/2.5Gbps
LAN Laser Drivers
_______________________________________________________________________________________
9
SMOOTH-
START
IN+
IN-
TC
MODSET
RMOD
VCC
RTC
MON
SHDNDRV
REF
POR
PORDLY
POL
POL
FAULT
FAULT
FLTDLY
EN
EN
1.97V
LV
1.53V
+1.7V
50Ω
50Ω
CONTROLLED
REFERENCE
GENERATOR
LASER
MODULATOR
MODULATION CURRENT
GENERATOR
1.7V
REF
BIASDRV
MD
OUT-
OUT+
POR CIRCUIT
SAFETY
CIRCUITRY
INPUT BUFFER
VCC - 0.54V
MAX3286
MAX3296
BIAS GENERATOR
Figure 2b. Laser Driver Functional Diagram
LASER
MODULATOR
POR CIRCUIT
SAFETY
BIAS GENERATOR
MODSET
TC
BIASDRV
MD
SHDNDRV
FAULT
FAULT
POR
LV
PORDLY
EN
EN
FLTDLY
POL
POL
MON
MD
OUT-
OUT+
REF
IN+
IN-
Figure 2a. Simplified Laser Driver Functional Diagram
the anode or cathode of a monitor photodiode or to a
resistor-divider, depending on the specific application
circuit. Three application circuits are supported:
common-cathode laser with photodiode, common-
cathode laser without photodiode, and common-anode
laser with photodiode (as shown in the Design Procedure
section). The POL and POL inputs determine the laser
pinning (common cathode, common anode) (Table 4).
The smooth-start circuitry prevents current spikes to the
laser during power-up or enable; this ensures compliance
with safety requirements and extends the life of the laser.
The power-control amplifier drives an external transistor
to control the laser bias current. In a fault condition, the
power-control amplifier’s output is disabled (high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com