Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3286C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3286C/D
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3286C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3286C/D Datasheet HTML 1Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 2Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 3Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3286C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
3.0V to 5.5V, 1.25Gbps/2.5Gbps
LAN Laser Drivers
_______________________________________________________________________________________
5
Pin Description
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
EN STARTUP
(COMMON-ANODE CONFIGURATION)
EN
OPTICAL
OUTPUT
BIASDRV
FAULT
5µs/div
MD SHUTDOWN
MD
OPTICAL
OUTPUT
SHDNDRV
FAULT
10µs/div
EYE DIAGRAM
100ps/div
1.25Gbps, 1310nm LASER, 27 - 1 PRBS, Imod = 15mA
PIN
QFN/
THIN QFN
MAX3286
MAX3296
TQFP
MAX3286
MAX3296
TSSOP-EP
MAX3287
MAX3297
MAX3289
MAX3299
TSSOP-EP
MAX3288
MAX3298
NAME
FUNCTION
11
—
—
FAULT
Inverting Fault Indicator. See Table 1.
—2, 16, 19
—
—
N.C.
No Connect
23
——
FAULT
Noninverting Fault Indicator. See Table 1.
34
—
—
POR
Power-On Reset. POR is a TTL-compatible
output. See Figure 14.
4, 13, 19
5, 14, 22, 30
1, 6
1, 6
GND
Ground
56
—
—
EN
Enable TTL Input. The laser output is enabled
only when EN is high and
EN is low. If EN is
left unconnected, the laser is disabled.
67
—
—
EN
Inverting Enable TTL Input. The laser output
is enabled only when
EN is low or grounded
and EN is high. If
EN is left unconnected, the
laser is disabled.
78
——
PORDLY
Power-On Reset Delay. To extend the delay
for the power-on reset circuit, connect a
capacitor to PORDLY. See the Design
Procedure section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com